Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8512ARZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8512ARZ
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512ARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8512ARZ Datasheet HTML 8Page - Analog Devices AD8512ARZ Datasheet HTML 9Page - Analog Devices AD8512ARZ Datasheet HTML 10Page - Analog Devices AD8512ARZ Datasheet HTML 11Page - Analog Devices AD8512ARZ Datasheet HTML 12Page - Analog Devices AD8512ARZ Datasheet HTML 13Page - Analog Devices AD8512ARZ Datasheet HTML 14Page - Analog Devices AD8512ARZ Datasheet HTML 15Page - Analog Devices AD8512ARZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 12 of 20
TCVOS (µV/°C)
0
1
0
40
25
6
60
80
100
34
20
VS = ±5V
120
Figure 37. AD8513 TCVOS Distribution
SUPPLY VOLTAGE (V+ – V–)
8
13
1.5
1.7
18
33
1.8
1.9
2.0
23
28
1.6
2.1
2.5
2.4
2.3
2.2
TA = 25°C
Figure 38. AD8513 Supply Current vs. Supply Voltage
LOAD CURRENT (mA)
0
10
0
4
20
50
6
8
10
30
40
2
12
16
14
60
70
80
VOL
VOH
VOH
VOL
VSY = ±15V
VSY = ±5V
Figure 39. AD8513 Output Voltage vs. Load Current
0
0.5
1.0
1.5
2.0
2.5
3.0
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
±15V
±5V
Figure 40. AD8513 Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com