Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8512ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8512ARZ
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8512ARZ Datasheet HTML 9Page - Analog Devices AD8512ARZ Datasheet HTML 10Page - Analog Devices AD8512ARZ Datasheet HTML 11Page - Analog Devices AD8512ARZ Datasheet HTML 12Page - Analog Devices AD8512ARZ Datasheet HTML 13Page - Analog Devices AD8512ARZ Datasheet HTML 14Page - Analog Devices AD8512ARZ Datasheet HTML 15Page - Analog Devices AD8512ARZ Datasheet HTML 16Page - Analog Devices AD8512ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 13 of 20
GENERAL APPLICATION INFORMATION
INPUT OVERVOLTAGE PROTECTION
The AD8510/AD8512/AD8513 have internal protective
circuitry that allows voltages as high as 0.7 V beyond the
supplies to be applied at the input of either terminal without
causing damage. For higher input voltages, a series resistor is
necessary to limit the input current. The resistor value can be
determined from the formula
mA
R
V
V
S
S
IN
5
≤
−
With a very low offset current of <0.5 nA up to 125°C, higher
resistor values can be used in series with the inputs. A 5 kΩ
resistor will protect the inputs to voltages as high as 25 V
beyond the supplies and will add less than 10 µV to the offset.
OUTPUT PHASE REVERSAL
Phase reversal is a change of polarity in the transfer function of
the amplifier. This can occur when the voltage applied at the
input of an amplifier exceeds the maximum common-mode
voltage.
Phase reversal can cause permanent damage to the device and
may result in system lockups. The AD8510/AD8512/AD8513 do
not exhibit phase reversal when input voltages are beyond the
supplies.
TIME (20
µs/DIV)
VIN
VOUT
VSY = ±5V
AV = 1
RL = 10kΩ
Figure 41. No Phase Reversal
THD + NOISE
The AD8510/AD8512/AD8513 have low total harmonic distor-
tion and excellent gain linearity, making these amplifiers a great
choice for precision circuits with high closed-loop gain, and for
audio application circuits. Figure 42 shows that the AD8510/
AD8512/AD8513 have approximately 0.0005% of total distor-
tion when configured in positive unity gain (the worst case) and
driving a 100 kΩ load.
FREQUENCY (Hz)
0.01
0.001
0.0001
20
100
1k
20k
VSY = ±5V
RL = 100kΩ
BW = 22kHz
Figure 42. THD + N vs. Frequency
TOTAL NOISE INCLUDING SOURCE RESISTORS
The low input current noise and input bias current of the
AD8510/AD8512/AD8513 make them the ideal amplifiers for
circuits with substantial input source resistance. Input offset
voltage increases by less than 15 nV per 500 Ω of source
resistance at room temperature. The total noise density of the
circuit is
(
)
S
S
n
n
nTOTAL
kTR
R
i
e
e
4
2
2
+
+
=
where:
en is the input voltage noise density of the parts.
in is the input current noise density of the parts.
RS is the source resistance at the noninverting terminal.
k is Boltzman’s constant (1.38 × 10–23 J/K).
T is the ambient temperature in Kelvin (T = 273 + °C).
For RS < 3.9 kΩ, en dominates and enTOTAL ≈ en.
The current noise of the AD8510/AD8512/AD8513 is so low
that its total density does not become a significant term unless
RS is greater than 165 MΩ, an impractical value for most
applications.
The total equivalent rms noise over a specific bandwidth is
expressed as
BW
e
e
nTOTAL
nTOTAL =
where
BW is the bandwidth in Hertz.
Note that the above analysis is valid for frequencies larger than
150 Hz and assumes flat noise above 10 kHz. For lower frequen-
cies, flicker noise (1/f) must be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com