Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECA5 Datasheet(PDF) 5 Page - Astrodyne Corporation

Part # ECA5
Description  5W Ultraminiature Encapsulated Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ECA5 Datasheet(HTML) 5 Page - Astrodyne Corporation

  ECA5 Datasheet HTML 1Page - Astrodyne Corporation ECA5 Datasheet HTML 2Page - Astrodyne Corporation ECA5 Datasheet HTML 3Page - Astrodyne Corporation ECA5 Datasheet HTML 4Page - Astrodyne Corporation ECA5 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICALDIMENSIONS-CHASSISMOUNT
9
8
7
6
5
4
1
2
3
DIN Rail mounting kit available for Chassis-mount modules, specify part #
M-DRL-01. Kit includes mounting plate, DIN Rail cliip and assembly hardware.
0.350 [8.89]
0.100 [2.54]
MECHANICALDIMENSIONS-DINRAIL
Model
Type/Pin# Single
Dual
Triple
1
ACN
ACN
ACN
2
N/C
N/C
N/C
3
ACL
ACL
ACL
4
N/C
N/C
N/C
5
-Vout
-Vout
+5VRTN
6
-Vout
Com
+5Vout
7
+Vout
Com
-Vout
8
+Vout
+Vout
Com
9
N/C
N/C
+Vout
2115



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com