Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECA5 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ECA5
Description  5W Ultraminiature Encapsulated Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ECA5 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ECA5 Datasheet HTML 1Page - Astrodyne Corporation ECA5 Datasheet HTML 2Page - Astrodyne Corporation ECA5 Datasheet HTML 3Page - Astrodyne Corporation ECA5 Datasheet HTML 4Page - Astrodyne Corporation ECA5 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Efficiency
ModelNumber
OutputVoltage
OutputAmpsFL
Ripple/Noise
typatnom.Input
DUALOUTPUT-PCBMount
EDCA-5006
±12 VDC
±0.21A
±150mV pk-pk
71%
EDCA-5007
±15 VDC
±0.17A
±150mV pk-pk
71%
DUALOUTPUT-ChassisMount
EDCC-5006
±12 VDC
±0.21A
±150mV pk-pk
71%
EDCC-5007
±15 VDC
±0.17A
±150mV pk-pk
71%
DUALOUTPUT-DINRailMount
EDCC-5006/DRL
±12 VDC
±0.21A
±150mV pk-pk
71%
EDCC-5007/DRL
±15 VDC
±0.17A
±150mV pk-pk
71%
TRIPLEOUTPUT-PCBMount
ETCA-5009
5 ±12 VDC
0.53 ±0.1 A
75 ±100 mV pk-pk
63%
ETCA-5011
5 ±15 VDC
0.41 ±0.1 A
75 ±100 mV pk-pk
61%
TRIPLEOUTPUT-ChassisMount
ETCC-5009
5 ±12 VDC
0.53 ±0.1 A
75 ±100 mV pk-pk
63%
ETCC-5011
5 ±15 VDC
0.41 ±0.1 A
75 ±100 mV pk-pk
61%
TRIPLEOUTPUT-DINRailMount
ETCC-5009/DRL
5 ±12 VDC
0.53 ±0.1 A
75 ±100 mV pk-pk
63%
ETCC-5011/DRL
5 ±15 VDC
0.41 ±0.1 A
75 ±100 mV pk-pk
61%
Universal 90-264VAC Input
High Efficiency
Improved EMI Performance
4242VDC Isolation
Single ,Dual and Triple Outputs
Full Safety Approvals



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com