Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS181 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS181
Description  4-Bit Arithmetic Logic Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS181 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54LS181 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 6Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 7Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 8Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Switching Characteristics
DM54DM74LS
Symbol
Parameter
Conditions
CL e 15 pF
Units
Min
Max
tPLH
Propagation Delay
M e GND
27
ns
tPHL
Cn to Cna4
20
tPLH
Propagation Delay
M e GND
26
ns
tPHL
Cn to F
20
tPLH
Propagation Delay
M S1 S2 e GND
29
ns
tPHL
A or B to G (Sum)
S1 S3 e 45V
23
tPLH
Propagation Delay
M S0 S3 e GND
32
ns
tPHL
A or B to G (Diff)
S1 S2 e 45V
26
tPLH
Propagation Delay
M S1 S2 e GND
30
ns
tPHL
A or B to P (Sum)
S0 S3 e 45V
30
tPLH
Propagation Delay
M S0 S3 e GND
30
ns
tPHL
A or B to P (Diff)
S1 S2 e 45V
33
tPLH
Propagation Delay
M S1 S2 e GND
32
ns
tPHL
Ai or Bi to Fi (Sum)
S0 S3 e 45V
25
tPLH
Propagation Delay
M S0 S3 e GND
32
ns
tPHL
Ai or Bi to Fi (Diff)
S1 S2 e 45V
33
tPLH
Propagation Delay
M e 45V
33
ns
tPHL
A or B to F (Logic)
29
tPLH
Propagation Delay
M S1 S2 e GND
38
ns
tPHL
A or B to Cna4 (Sum)
S0 S3 e 45V
38
tPLH
Propagation Delay
M S0 S3 e GND
41
ns
tPHL
A or B to Cna4 (Diff)
S1 S2 e 45V
41
tPLH
Propagation Delay
M S0 S3 e GND
50
ns
tPHL
A or B to A e BS1 S2 e 45V
62
RL e 2kX to 50V
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com