Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS181 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS181
Description  4-Bit Arithmetic Logic Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS181 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DM54LS181 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 6Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 7Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 8Page - National Semiconductor (TI) DM54LS181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Sum Mode Test Table I
Function Inputs S0 e S3 e 45V S1 e S2 e M e 0V
Input
Other Input
Other Data Inputs
Output
Symbol
Under
Same Bit
Under
Test
Apply
Apply
Apply
Apply
Test
45V
GND
45V
GND
tPLH
Ai
Bi
None
Remaining
Cn
Fi
tPHL
A and B
tPLH
Bi
Ai
None
Remaining
Cn
Fi
tPHL
A and B
tPLH
A
B
None
None
Remaining
P
tPHL
A and B Cn
tPLH
B
A
None
None
Remaining
P
tPHL
A and B Cn
tPLH
A
None
B
Remaining
Remaining
G
tPHL
B
A Cn
tPLH
B
None
A
Remaining
Remaining
G
tPHL
B
A Cn
tPLH
A
None
B
Remaining
Remaining
Cna4
tPHL
B
A Cn
tPLH
B
None
A
Remaining
Remaining
Cna4
tPHL
B
A Cn
tPLH
Cn
None
None
All
All
Any F
tPHL
A
B
or Cna4
Diff Mode Test Table II
Function Inputs S1 e S2 e 45V S0 e S3 e M e 0V
Input
Other Input
Other Data Inputs
Output
Symbol
Under
Same Bit
Under
Test
Apply
Apply
Apply
Apply
Test
45V
GND
45V
GND
tPLH
A
None
B
Remaining
Remaining
Fi
tPHL
A
B Cn
tPLH
B
A
None
Remaining
Remaining
Fi
tPHL
A
B Cn
tPLH
A
None
B
None
Remaining
P
tPHL
A and B Cn
tPLH
B
A
None
None
Remaining
P
tPHL
A and B Cn
tPLH
A
B
None
None
Remaining
G
tPHL
A and B Cn
tPLH
B
None
A
None
Remaining
G
tPHL
A and B Cn
tPLH
A
None
B
Remaining
Remaining
A e B
tPHL
A
B Cn
tPLH
B
A
None
Remaining
Remaining
A e B
tPHL
A
B Cn
tPLH
A
B
None
None
Remaining
Cna4
tPHL
A and B Cn
tPLH
B
None
A
None
Remaining
Cna4
tPHL
A and B Cn
tPLH
Cn
None
None
All
None
Cna4
tPHL
A and B
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com