Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6008SCTQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMNH6008SCTQ
Description  Low Input Capacitance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6008SCTQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMNH6008SCTQ Datasheet HTML 1Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 2Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 3Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 4Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 5Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMNH6008SCTQ
Document number: DS38700 Rev. 2 - 2
5 of 6
www.diodes.com
April 2016
© Diodes Incorporated
DMNH6008SCTQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO220AB
TO220AB
Dim
Min
Max
Typ
A
3.56
4.82
–
A1
0.51
1.39
–
A2
2.04
2.92
–
b
0.39
1.01
0.81
b2
1.15
1.77
1.24
c
0.356 0.61
–
D
14.22 16.51
–
D1
8.39
9.01
–
D2 11.45 12.87
–
e
–
–
2.54
e1
–
–
5.08
E
9.66 10.66
–
E1
6.86
8.89
–
H1
5.85
6.85
–
L
12.70 14.73
–
L1
–
6.35
–
L2
15.80 16.20 16.00
P
3.54
4.08
–
Q
2.54
3.42
–
All Dimensions in mm
0.001
0.01
0.1
1
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
10
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.9
D=0.7
RθJA(t) = r(t) * RθJA
RθJA = 0.7℃/W
Duty Cycle, D = t1 / t2
E
Q
D1
D
ØP
L1
L
e
b
A1
A
H1
c
A2
b2
H1
D2
E1
e1
E/2
L2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com