Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6008SCTQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH6008SCTQ
Description  Low Input Capacitance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6008SCTQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH6008SCTQ Datasheet HTML 1Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 2Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 3Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 4Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 5Page - Diodes Incorporated DMNH6008SCTQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMNH6008SCTQ
Document number: DS38700 Rev. 2 - 2
2 of 6
www.diodes.com
April 2016
© Diodes Incorporated
DMNH6008SCTQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TC = +25°C
TC = +100°C
ID
130
90
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
200
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
80
A
Avalanche Current (Note 7) L=0.1mH
IAS
62
A
Avalanche Energy (Note 7) L=0.1mH
EAS
190
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6) TC = +25°C
TC = +100°C
PD
210
100
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
0.7
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
2
4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
6.0
8.0
m
VGS = 10V, ID = 20A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
CISS
2,596
pF
VDS = 30V, VGS = 0V
f = 1.0MHz
Output Capacitance
COSS
437
Reverse Transfer Capacitance
CRSS
118
Gate Resistance
RG
2.0
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 10V)
QG
21
nC
VDD = 30V, ID = 20A
Total Gate Charge (VGS = 4.5V)
QG
40
Gate-Source Charge
QGS
8.3
Gate-Drain Charge
QGD
11.8
Turn-On Delay Time
tD(ON)
5.7
ns
VDD = 30V, VGS = 10V,
RG = 1Ω, ID = 20A
Turn-On Rise Time
tR
5.0
Turn-Off Delay Time
tD(OFF)
15.6
Turn-Off Fall Time
tF
3.4
Reverse Recovery Time
tRR
33
ns
IF = 20A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
33
nC
Notes:
6. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com