Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR435ARM Datasheet(PDF) 1 Page - Analog Devices

Part # ADR435ARM
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435ARM Datasheet(HTML) 1 Page - Analog Devices

  ADR435ARM Datasheet HTML 1Page - Analog Devices ADR435ARM Datasheet HTML 2Page - Analog Devices ADR435ARM Datasheet HTML 3Page - Analog Devices ADR435ARM Datasheet HTML 4Page - Analog Devices ADR435ARM Datasheet HTML 5Page - Analog Devices ADR435ARM Datasheet HTML 6Page - Analog Devices ADR435ARM Datasheet HTML 7Page - Analog Devices ADR435ARM Datasheet HTML 8Page - Analog Devices ADR435ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Noise XFET® Voltage References
with Current Sink and Source Capability
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise (0.1 Hz to 10 Hz): 3.5 µV p-p @ 2.5 V output
No external capacitor required
Low temperature coefficient
A Grade: 10 ppm/°C max
B Grade: 3 ppm/°C max
Load regulation: 15 ppm/mA
Line regulation: 20 ppm/V
Wide operating range
ADR430: 4.1 V to 18 V
ADR431: 4.5 V to 18 V
ADR433: 5.0 V to 18 V
ADR434: 6.1 V to 18 V
ADR435: 7.0 V to 18 V
ADR439: 6.5 V to 18 V
High output current: +30 mA/−20 mA
Wide temperature range: −40°C to +125°C
APPLICATIONS
Precision data acquisition systems
High resolution data converters
Medical instruments
Industrial process control systems
Optical control circuits
Precision instruments
PIN CONFIGURATIONS
NC = NO CONNECT
ADR43x
TOP VIEW
(Not to Scale)
TP 1
VIN 2
NC 3
GND 4
TP
NC
VOUT
TRIM
8
7
6
5
Figure 1. 8-Lead MSOP
(RM Suffix)
NC = NO CONNECT
ADR43x
TOP VIEW
(Not to Scale)
TP 1
VIN 2
NC 3
GND 4
TP
NC
VOUT
TRIM
8
7
6
5
Figure 2. 8-Lead SOIC
(R Suffix)
GENERAL DESCRIPTION
The ADR43x series is a family of XFET voltage references
featuring low noise, high accuracy, and low temperature drift
performance. Using ADI’s patented temperature drift curvature
correction and XFET (eXtra implanted junction FET) technology,
the ADR43x’s voltage change versus temperature nonlinearity is
minimized.
The XFET references operate at lower current (800 µA) and
supply headroom (2 V) than buried-Zener references. Buried-
Zener references require more than 5 V headroom for operations.
The ADR43x XFET references are the only low noise solutions
for 5 V systems.
The ADR43x series has the capability to source up to 30 mA
and sink up to 20 mA of output current. It also comes with a
TRIM terminal to adjust the output voltage over a 0.5% range
without compromising performance. The ADR43x is available
in the 8-lead mini SOIC and 8-lead SOIC packages.
All versions are specified over the extended industrial tempera-
ture range (−40°C to +125°C).
Table 1. Selection Guide
Model
VOUT (V)
Accuracy
(mV)
Temperature Coefficient
(ppm/°C)
ADR430B
2.048
±1
3
ADR430A
2.048
±3
10
ADR431B
2.500
±1
3
ADR431A
2.500
±3
10
ADR433B
3.000
±1.4
3
ADR433A
3.000
±4
10
ADR434B
4.096
±1.5
3
ADR434A
4.096
±5
10
ADR435B
5.000
±2
3
ADR435A
5.000
±6
10
ADR439B
4.500
±2
3
ADR439A
4.500
±5.4
10


Similar Part No. - ADR435ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR435ARMZ AD-ADR435ARMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435ARMZ AD-ADR435ARMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR435ARMZ AD-ADR435ARMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435ARMZ-REEL7 AD-ADR435ARMZ-REEL7 Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435ARMZ-REEL7 AD-ADR435ARMZ-REEL7 Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
More results

Similar Description - ADR435ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR440 AD-ADR440 Datasheet
568Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
9/06-Rev. 0 to Rev. A
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR443 AD-ADR443_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com