Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22381SI-RGL Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY22381SI-RGL
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381SI-RGL Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY22381SI-RGL Datasheet HTML 1Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 2Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 3Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 4Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 5Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 6Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 7Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY22381
Document #: 38-07012 Rev. *D
Page 4 of 8
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage ............................................... –0.5V to +7.0V
DC Input Voltage.............................. –0.5V to + (VDD + 0.5V)
Storage Temperature ..................................–65°C to +125°C
Junction Temperature .................................................. 125°C
Data Retention @ Tj = 125°C................................> 10 years
Maximum Programming Cycles........................................100
Package Power Dissipation...................................... 250 mW
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ...........................
≥ 2000V
Latch up (per JEDEC 17) ....................................
≥ ±200 mA
Operating Conditions[1]
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.135
3.3
3.465
V
TA
Commercial Operating Temperature, Ambient
0
–
+70
°C
Industrial Operating Temperature, Ambient
–40
–
+85
°C
CLOAD_OUT
Max. Load Capacitance
–
–
15
pF
fREF
External Reference Crystal
8
–
30
MHz
External Reference Clock[2], Commercial
1
–
166
MHz
External Reference Clock[2], Industrial
1
–
150
MHz
tPU
Power-up time for all VDD's to reach minimum specified voltage
(power ramps must be monotonic)
0.05
–
500
ms
Electrical Characteristics
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
IOH
Output High Current[3]
VOH = VDD –0.5, VDD =3.3 V
12
24
–
mA
IOL
Output Low Current[3]
VOL = 0.5V, VDD =3.3 V
12
24
–
mA
CXTAL_MIN
Crystal Load Capacitance[3]
Capload at minimum setting
–
6
–
pF
CXTAL_MAX
Crystal Load Capacitance[3]
Capload at maximum setting
–
30
–
pF
CIN
Input Pin Capacitance[3]
Except crystal pins
–
7
–
pF
VIH
HIGH-level Input Voltage
CMOS levels,% of VDD
70%
–
–
VDD
VIL
LOW-level Input Voltage
CMOS levels,% of VDD
–
–
30%
VDD
IIH
Input HIGH Current
VIN =VDD –0.3 V
–
<1
10
µA
IIL
Input LOW Current
VIN =+0.3V
–
<1
10
µA
IOZ
Output Leakage Current
Three-state outputs
–
–
10
µA
IDD
Total Power Supply Current
3.3 V Power Supply; 3 outputs @ 50 MHz
–
35
–
mA
3.3 V Power Supply; 3 outputs @ 166 MHz
–
70
–
mA
IDDS
Total Power Supply Current in
Shutdown Mode
Shut-down active
–
5
20
µA
Notes:
1. Unless otherwise noted, Electrical and Switching Characteristics are guaranteed across these operating conditions.
2. External input reference clock must have a duty cycle between 40% and 60%, measured at VDD/2.
3. Guaranteed by design, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com