Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22381SI-RGL Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY22381SI-RGL
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381SI-RGL Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY22381SI-RGL Datasheet HTML 1Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 2Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 3Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 4Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 5Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 6Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 7Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Three-PLL General Purpose FLASH
Programmable Clock Generator
CY22381
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07012 Rev. *D
Revised October 13, 2004
Features
• Three integrated phase-locked loops
• Ultra-wide divide counters (eight-bit Q, eleven-bit P, and
seven-bit post divide)
• Improved linear crystal load capacitors
• Flash programmability
• Field programmability
• Low-jitter, high-accuracy outputs
• Power-management options (Shutdown, OE, Suspend)
• Configurable crystal drive strength
• Frequency select option via external LVTTL Input
• 3.3V operation
• Eight-pin SOIC package
• CyClocks RT™ support
Benefits
• Generates up to three unique frequencies on three
outputs up to 200 MHz from an external source.
Functional upgrade for current CY2081 family.
• Allows for 0 ppm frequency generation and frequency
conversion under the most demanding applications
• Improves frequency accuracy over temperature, age,
process, and initial offset
• Non-volatile programming enables easy customi-
zation, ultra-fast turnaround, performance tweaking,
design timing margin testing, inventory control, lower
part count, and more secure product supply. Can also
be programmed multiple times which reduces
programming errors and provides an easy upgrade
path for existing designs
• In-house programming of samples and prototype
quantities is available using the CY3672 FTG devel-
opment Kit. Production quantities are available through
Cypress’s value-added distribution partners or by
using third party programmers from BP Microsystems,
HiLo Systems, and others.
• Performance suitable for high-end multimedia, commu-
nications, industrial, A/D converters, and consumer
applications
• Supports numerous low-power application schemes
and reduces EMI by allowing unused outputs to be
turned off
• Adjust crystal drive strength for compatibility with
virtually all crystals
• External frequency select option for PLL1, CLKA, and
CLKB
• Industry standard supply voltage
• Industry standard packaging saves on board space
• Easy-to-use software support for design entry
Logic Block Diagram
XTALIN
XTALOUT
FS/SUSPEND
SHUTDOWN/OE
CONFIGURATION
FLASH
OSC.
PLL1
11-BIT P
8-BIT Q
PLL2
11-BIT P
8-BIT Q
PLL3
11-BIT P
8-BIT Q
4 × 3
Switch
Crosspoint
Divider
7-BIT
Divider
7-BIT
Divider
7-BIT
CLKA
CLKB
CLKC


Similar Part No. - CY22381SI-RGL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381SXC-XXX CYPRESS-CY22381SXC-XXX Datasheet
346Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381SXC-XXXT CYPRESS-CY22381SXC-XXXT Datasheet
346Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381SXI-XXX CYPRESS-CY22381SXI-XXX Datasheet
346Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381SXI-XXXT CYPRESS-CY22381SXI-XXXT Datasheet
346Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22381SI-RGL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
Three-PLL General Purpose Flash Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com