Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2002UPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2002UPS
Description  High Conversion Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2002UPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2002UPS Datasheet HTML 1Page - Diodes Incorporated DMP2002UPS Datasheet HTML 2Page - Diodes Incorporated DMP2002UPS Datasheet HTML 3Page - Diodes Incorporated DMP2002UPS Datasheet HTML 4Page - Diodes Incorporated DMP2002UPS Datasheet HTML 5Page - Diodes Incorporated DMP2002UPS Datasheet HTML 6Page - Diodes Incorporated DMP2002UPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMP2002UPS
Document number: DS37192 Rev. 4 - 2
1 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMP2002UPS
D
S
G
20V P-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON)
ID
TC = +25°C
-20V
1.9
mΩ @ VGS = -10V
-60A
2.4
mΩ @ VGS = -4.5V
-60A
3.8
mΩ @ VGS = -2.5V
-60A
Description
This new generation P-Channel Enhancement Mode MOSFET is
designed to minimize RDS(ON) and yet maintain superior switching
performance. This device is ideal for use in notebook battery power
management and load switch.
Applications
Switch
Features
Thermally Efficient Package-Cooler Running Applications
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
<1.1mm Package Profile
– Ideal for Thin Applications
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony
Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI5060-8
Case Material:
Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP2002UPS-13
POWERDI5060-8
2,500 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4
. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
POWERDI5060-8
Pin1
S
D
D
G
D
D
S
S
P2002US
S
S
S
G
D
D
D
D
YY WW
=Manufacturer
’s Marking
P2002US = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 14 = 2014)
WW = Week Code (01 to 53)
Green
POWERDI5060-8


Similar Part No. - DMP2002UPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2002UPS DIODES-DMP2002UPS Datasheet
371Kb / 8P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 5
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 4
DMP2002UPS-13 DIODES-DMP2002UPS-13 Datasheet
371Kb / 8P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 5
DMP2002UPS DIODES-DMP2002UPS_15 Datasheet
648Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 4
DMP2002UPS DIODES-DMP2002UPS_16 Datasheet
371Kb / 8P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 5
More results

Similar Description - DMP2002UPS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
High Efficiency
logo
Infineon Technologies A...
BAS3010A-03WE6327 INFINEON-BAS3010A-03WE6327 Datasheet
122Kb / 6P
For high efficiency DC/DC conversion fast switching, protection and clamping applications
2007-04-10
logo
GeneSiC Semiconductor, ...
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
High efficiency
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
High efficiency
logo
Ferroxcube Internationa...
3C98 FERROXCUBE-3C98 Datasheet
1Mb / 8P
High efficiency, operation up to 400 kHz, high power density and best in class Medium Frequency power conversion.
logo
Diodes Incorporated
DMNH6021SPS DIODES-DMNH6021SPS Datasheet
540Kb / 7P
High Conversion Efficiency
Rev 2
DMNH6021SPSQ DIODES-DMNH6021SPSQ Datasheet
593Kb / 7P
High Conversion Efficiency
Rev 4
logo
Cypress Semiconductor
MB39C601 CYPRESS-MB39C601 Datasheet
907Kb / 37P
High power factor in single conversion
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
High efficiency.
logo
HOPE Microelectronics C...
T06 HOPE-T06 Datasheet
233Kb / 11P
High Conversion Speed Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com