Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2002UPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP2002UPS
Description  High Conversion Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2002UPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP2002UPS Datasheet HTML 1Page - Diodes Incorporated DMP2002UPS Datasheet HTML 2Page - Diodes Incorporated DMP2002UPS Datasheet HTML 3Page - Diodes Incorporated DMP2002UPS Datasheet HTML 4Page - Diodes Incorporated DMP2002UPS Datasheet HTML 5Page - Diodes Incorporated DMP2002UPS Datasheet HTML 6Page - Diodes Incorporated DMP2002UPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMP2002UPS
Document number: DS37192 Rev. 4 - 2
4 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMP2002UPS
0.0014
0.0016
0.0018
0.002
0.0022
0.0024
2
6
10
14
18
22
26
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs. Drain Current
and Gate Voltage
V
GS = -2.5V
V
GS = -4.5V
V
GS = -10V
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
0
2
4
6
8
10
12
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4 Typical Transfer Characteristic
I
D = -25A
I
D = -15A
I
D = -20A
0.001
0.0012
0.0014
0.0016
0.0018
0.002
0.0022
0.0024
0
5
10
15
20
25
30
I
D, DRAIN CURRENT(A)
Figure 5 Typical On-Resistance vs. Drain Current
and Temperature
V
GS = - 4.5V
125oC
150oC
85oC
25oC
-55oC
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6 On-Resistance Variation with
Temperature
V
GS = -4.5V, ID = -20A
V
GS = -2.5V, ID = -15A
V
GS = -10V, ID = -25A
0.001
0.0014
0.0018
0.0022
0.0026
0.003
0.0034
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7 On-Resistance Variation with Temperature
V
GS = -10V, ID = -25A
V
GS = -4.5V, ID = -20A
V
GS = -2.5V, ID = -15A
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
T
A, AMBIENT TEMPERATURE (℃)
Figure 8 Gate Theshold Variation vs Ambient
Temperature
I
D = -1mA
I
D = -250µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com