Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF242 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF242
Description  Static Drain-Source On-Resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF242 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF242 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF242 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
IRF242
DESCRIPTION
·Drain Current ID=16A@ TC=25℃
·Drain Source Voltage-
: VDSS= 200V(Min)
·Static Drain-Source On-Resistance
: RDS(on) =0.22Ω(Max)
APPLICATIONS
·Switching power supplies
·Switching converters,motor driver,relay driver
·Audio amplifier and servo motors
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
200
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
16
A
Ptot
Total Dissipation@TC=25℃
125
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
30
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - IRF242

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF242 SAMSUNG-IRF242 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF242 FAIRCHILD-IRF242 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
logo
New Jersey Semi-Conduct...
IRF242R NJSEMI-IRF242R Datasheet
168Kb / 2P
Avalanche Energy Rated N-Channel Power MOSFETs
More results

Similar Description - IRF242

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SJ126 ISC-2SJ126 Datasheet
65Kb / 2P
Low Drain-Source ON Resistance
18N65 ISC-18N65 Datasheet
46Kb / 2P
Static Drain-Source On-Resistance
75N08 ISC-75N08 Datasheet
32Kb / 2P
Static Drain-Source On-Resistance
IRF240 ISC-IRF240 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF241 ISC-IRF241 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF243 ISC-IRF243 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF244 ISC-IRF244 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF245 ISC-IRF245 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF247 ISC-IRF247 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF320 ISC-IRF320 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com