Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS299 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS299
Description  8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS299 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54LS299 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 6Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 7Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Continued)
Over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
IIH
High Level Input Current
VCC e Max VI e 27V
Sn
40
m
A
Inputs
20
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
Sn
b
08
mA
Inputs
b
04
mA
IOS
Short Circuit
VCC e Max
Q0 Q7
b
20
b
100
mA
Output Current
(Note 2)
IO0–IO7
b
30
b
130
ICC
Supply Current
VCC e Max OE e 45V
60
mA
IOZH
TRI-STATE Output Off
VCC e Max
40
m
A
Current High
VO e 27V
IOZL
TRI-STATE Output Off
VCC e Max
b
400
m
A
Current Low
VO e 04V
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for waveforms and load configurations)
Symbol
Parameter
RL e 2kX
Units
CL e 15 pF
Min
Max
fmax
Maximum Input Frequency
35
MHz
tPLH
Propagation Delay
26
ns
tPHL
CP to Q0 or Q7
28
tPLH
Propagation Delay
25
ns
tPHL
CP to IOn
35
tPHL
Propagation Delay
28
ns
MR to Q0 or Q7
tPHL
Propagation Delay
35
ns
MR to IOn
tPZH
Output Enable Time
18
ns
tPZL
25
tPHZ
Output Disable Time
15
ns
tPLZ
20
Logic Symbol
TLF9827 – 2
VCC e Pin 20
GND e Pin 10
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com