Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS299 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS299
Description  8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS299 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54LS299 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 6Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 7Page - National Semiconductor (TI) DM54LS299 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9827
June 1992
DM54LS299DM74LS299
8-Input Universal ShiftStorage Register
with Common Parallel IO Pins
General Description
The ’LS299 is an 8-bit universal shiftstorage register with
TRI-STATE
outputs Four modes of operation are possi-
ble hold (store) shift left shift right and load data The par-
allel load inputs and flip-flop outputs are multiplexed to re-
duce the total number of package pins Separate outputs
are provided for flip-flops Q0 and Q7 to allow easy cascad-
ing A separate active LOW Master Reset is used to reset
the register
Features
Y
Common IO for reduced pin count
Y
Four operation modes shift left shift right load and
store
Y
Separate shift right serial input and shift left serial input
for easy cascading
Y
TRI-STATE outputs for bus oriented applications
Connection Diagram
Dual-In-Line Package
TLF9827 – 1
Order Number DM54LS299E DM54LS299J DM54LS299W
DM74LS299WM or DM74LS299N
See NS Package Number E20A J20A M20B N20A or W20A
Pin Names
Description
CP
Clock Pulse Input (Active Rising Edge)
DS0
Serial Data Input for Right Shift
DS7
Serial Data Input for Left Shift
S0 S1
Mode Select Inputs
MR
Asynchronous Master Reset Input
(Active LOW)
OE1 OE2
TRI-STATE Output Enable Inputs
(Active LOW)
IO0 – IO7
Parallel Data Inputs or TRI-STATE
Parallel Outputs
Q0 – Q7
Serial Outputs
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DM54LS299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM54LS20 TI1-DM54LS20 Datasheet
336Kb / 8P
Dual 4-Input NAND Gates
logo
National Semiconductor ...
DM54LS20J NSC-DM54LS20J Datasheet
124Kb / 6P
Dual 4-Input NAND Gates
DM54LS20W NSC-DM54LS20W Datasheet
124Kb / 6P
Dual 4-Input NAND Gates
DM54LS21 NSC-DM54LS21 Datasheet
120Kb / 6P
Dual 4-Input AND Gates
DM54LS240 NSC-DM54LS240 Datasheet
142Kb / 6P
Octal TRI-STATE Buffers/Line Drivers/Line Receivers
More results

Similar Description - DM54LS299

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
8-Input Universal Shift Storage Register with Common Parallel
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com