Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR435ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADR435ARMZ
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR435ARMZ Datasheet HTML 6Page - Analog Devices ADR435ARMZ Datasheet HTML 7Page - Analog Devices ADR435ARMZ Datasheet HTML 8Page - Analog Devices ADR435ARMZ Datasheet HTML 9Page - Analog Devices ADR435ARMZ Datasheet HTML 10Page - Analog Devices ADR435ARMZ Datasheet HTML 11Page - Analog Devices ADR435ARMZ Datasheet HTML 12Page - Analog Devices ADR435ARMZ Datasheet HTML 13Page - Analog Devices ADR435ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Default conditions: ±5 V, CL = 5 pF, G = 2, Rg = Rf = 1 kΩ, RL = 2 kΩ, VO = 2 V p-p, Frequency = 1 MHz, TA = 25°C.
2.4995
2.5009
2.5007
2.5005
2.5003
2.5001
2.4999
2.4997
TEMPERATURE (
°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
Figure 3. ADR431 VOUT vs. Temperature
TEMPERATURE (
°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
4.0950
4.0980
4.0975
4.0970
4.0965
4.0960
4.0955
Figure 4. ADR434 VOUT vs. Temperature
TEMPERATURE (
°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
4.9990
5.0025
5.0020
5.0015
5.0010
5.0005
5.0000
4.9995
Figure 5. ADR435 VOUT vs. Temperature
0.3
0.4
0.5
0.6
0.7
0.8
810
4
6
12
14
16
INPUT VOLTAGE (V)
+125
°C
+25
°C
–40
°C
Figure 6. ADR435 Supply Current vs. Input Voltage
400
450
500
550
600
650
700
TEMPERATURE (
°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
Figure 7. ADR435 Supply Current vs. Temperature
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.58
0.60
10
12
6
8
14
16
18
INPUT VOLTAGE (V)
+125
°C
+25
°C
–40
°C
Figure 8. ADR431 Supply Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com