Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR435ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADR435ARMZ
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR435ARMZ Datasheet HTML 15Page - Analog Devices ADR435ARMZ Datasheet HTML 16Page - Analog Devices ADR435ARMZ Datasheet HTML 17Page - Analog Devices ADR435ARMZ Datasheet HTML 18Page - Analog Devices ADR435ARMZ Datasheet HTML 19Page - Analog Devices ADR435ARMZ Datasheet HTML 20Page - Analog Devices ADR435ARMZ Datasheet HTML 21Page - Analog Devices ADR435ARMZ Datasheet HTML 22Page - Analog Devices ADR435ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B | Page 19 of 24
PRECISION VOLTAGE REFERENCE FOR
DATA CONVERTERS
The ADR43x family has a number of features that make it ideal
for use with ADCs and DACs. The exceptional low noise, tight
temperature coefficient, and high accuracy characteristics make
the ADR43x ideal for low noise applications such as cellular
base station applications.
Another example of ADC for which the ADR431 is well suited
is the AD7701. Figure 40 shows the ADR431 used as the
precision reference for this converter. The AD7701 is a 16-bit
ADC with on-chip digital filtering intended for the
measurement of wide dynamic range and low frequency signals
such as those representing chemical, physical, or biological
processes. It contains a charge-balancing (Σ-∆) ADC, a
calibration microcontroller with on-chip static RAM, a clock
oscillator, and a serial communications port.
SERIAL CLOCK
READ (TRANSMIT)
DATA READY
+5V
ANALOG
SUPPLY
SERIAL CLOCK
RANGES
SELECT
CALIBRATE
ANALOG
INPUT
ANALOG
GROUND
–5V
ANALOG
SUPPLY
DVDD
SLEEP
MODE
DRDV
CS
SCLK
SDATA
CLKIN
CLKOUT
SC1
SC2
DGND
DVSS
AVSS
AGND
AIN
CAL
BP/UP
VREF
AVDD
VIN
VOUT
GND
ADR431
AD7701
0.1
µF
0.1
µF
0.1
µF
0.1
µF
10
µF
0.1
µF
10
µF
0.1
µF
Figure 40. Voltage Reference for 16-Bit ADC AD7701
PRECISION BOOSTED OUTPUT REGULATOR
A precision voltage output with boosted current capability can
be realized with the circuit shown in Figure 41. In this circuit,
U2 forces VO to be equal to VREF by regulating the turn on of
N1. Therefore, the load current is furnished by VIN. In this
configuration, a 50 mA load is achievable at VIN of 5 V.
Moderate heat is generated on the MOSFET, and higher current
can be achieved with a replacement of the larger device. In
addition, for a heavy capacitive load with step input, a buffer
may be added at the output to enhance the transient response.
V–
V+
+
–
VIN
N1
U1
VIN
VOUT
TRIM
GND
5V
U2
2N7002
AD8601
ADR431
2
6
5
4
VO
RL 25Ω
Figure 41. Precision Boosted Output Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com