Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5292IPFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS5292IPFPR Datasheet HTML 1Page - Texas Instruments ADS5292IPFPR Datasheet HTML 2Page - Texas Instruments ADS5292IPFPR Datasheet HTML 3Page - Texas Instruments ADS5292IPFPR Datasheet HTML 4Page - Texas Instruments ADS5292IPFPR Datasheet HTML 5Page - Texas Instruments ADS5292IPFPR Datasheet HTML 6Page - Texas Instruments ADS5292IPFPR Datasheet HTML 7Page - Texas Instruments ADS5292IPFPR Datasheet HTML 8Page - Texas Instruments ADS5292IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
Check for Samples: ADS5292
1
FEATURES
DESCRIPTION
Using CMOS process technology and innovative
•
Maximum Sample Rate: 80 MSPS/12-Bit
circuit techniques, the ADS5292 is a low power
•
High Signal-to-Noise Ratio
80MSPS 8-Channel ADC. Low power consumption,
–
70-dBFS SNR at 5 MHz/80 MSPS
high SNR, low SFDR, and consistent overload
recovery allow users to design high performance
–
71.5-dBFS SNR at 5 MHz/80 MSPS and
systems.
Decimation Filter = 2
The ADS5292 has a digital processing block that
–
85-dBc SFDR at 5 MHz/80 MSPS
integrates several commonly used digital functions for
•
Low Power Consumption
improving system performance. It includes a digital
–
48 mW/CH at 50 MSPS
filter module that has built-in decimation filters (with
–
54 mW/CH at 65 MSPS
low-pass, high-pass and band-pass characteristics).
The decimation rate is also programmable (by 2, by
–
66 mW/CH at 80 MSPS (2 LVDS Wire Per
4, or by 8). This makes it useful for narrow-band
Channel)
applications,
where
the
filters
can
be
used
•
Digital Processing Block
conveniently
to
improve
SNR
and
knock-off
–
Programmable FIR Decimation Filter and
harmonics, while at the same time reducing the
output data rate. The device includes an averaging
Oversampling to Minimize Harmonic
mode where two channels (or even four channels)
Interference
can be averaged to improve SNR.
–
Programmable IIR High Pass Filter to
Serial LVDS outputs reduce the number of interface
Minimize DC Offset
lines and enable the highest system integration. The
–
Programmable Digital Gain: 0 dB to 12 dB
digital data from each channel ADC can be output
–
2- or 4- Channel Averaging
over one or two wires of LVDS output lines
•
Flexible Serialized LVDS Outputs:
depending on the ADC sampling rate. This 2-wire
interface helps keep the serial data rate low, allowing
–
One or Two wires of LVDS Output Lines per
low cost FPGA based receivers to be used even at
Channel Depending on ADC Sampling Rate
high
sample
rate.
A
unique
feature
is
the
–
Programmable Mapping Between ADC
programmable mapping module that allows flexible
Input Channels and LVDS Output Pins-
mapping between the input channels and the LVDS
Eases Board Design
output pins. This helps greatly reduce the complexity
of LVDS output routing and can potentially result in
–
Variety of Test Patterns to Verify Data
cheaper system boards by reducing the number of
Capture by FPGA/Receiver
PCB layers.
•
Internal and External References
The device integrates an internal reference trimmed
•
1.8V Operation for Low Power Consumption
to
accurately
match
across
devices.
Best
•
Low-Frequency Noise Suppression
performance is expected to be achieved through the
•
Recovery From 6-dB Overload within 1 Clock
internal reference mode. The device can be driven
with external references as well.
Cycle
•
Package: 12-mm × 12-mm 80-Pin QFP
The device is available in a 12 mm × 12 mm 80-pin
QFP. It is specified over a –40°C to 85°C operating
APPLICATIONS
temperature range. ADS5292 is completely pin-to-pin
and register compatible to ADS5294.
•
Ultrasound Imaging
•
Communication Applications
•
Multi-channel Data Acquisition
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5292IPFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5292IPFPR TI1-ADS5292IPFPR Datasheet
2Mb / 67P
Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
More results

Similar Description - ADS5292IPFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Texas Instruments
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Texas Instruments
ADS5294 TI1-ADS5294_15 Datasheet
2Mb / 81P
Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
AFE58JD16 TI1-AFE58JD16 Datasheet
199Kb / 9P
12-Bit, 80-MSPS ADC and Passive CW Mixer
logo
Analog Devices
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
4-Channel, 12-Bit, 80-MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com