Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5292IPFPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 7Page - Texas Instruments ADS5292IPFPR Datasheet HTML 8Page - Texas Instruments ADS5292IPFPR Datasheet HTML 9Page - Texas Instruments ADS5292IPFPR Datasheet HTML 10Page - Texas Instruments ADS5292IPFPR Datasheet HTML 11Page - Texas Instruments ADS5292IPFPR Datasheet HTML 12Page - Texas Instruments ADS5292IPFPR Datasheet HTML 13Page - Texas Instruments ADS5292IPFPR Datasheet HTML 14Page - Texas Instruments ADS5292IPFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
Table 1. LVDS Timing at Different Sampling Frequencies - 2 Wire Interface, 5x Serialization(1)
LVDS Output Rate (MSPS)
Setup Time (tsu), ns
Hold Time (tH), ns
tPROG = (11/12) × T + tdelay, ns
(2)
Zero-Crossing of LCLKP to
Data Valid to Zero-
tPROG = delay from Input clock zero-cross
Data Becoming Invalid
Crossing of LCLKP
rising edge to frame clock zero cross rising
Fs( 1/T)
(both edges)
edge
(both edges)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
0.25
0.63
0.65
1
8.6
65
0.42
0.8
1
1.3
8.6
50
0.85
1.1
1.4
1.7
8.6
40
1.2
1.5
1.8
2.1
8.6
30
2.1
2.4
2.3
2.6
8.6
20
3.5
3.8
3.7
4
8.6
10
7.7
8
7.8
8.4
8.6
(1)
Bit clock and Frame clock jitter has been included in the Setup and hold timing.
(2)
Values below correspond to tdelay, NOT tPROG
Table 2. LVDS Timing at Different Sampling Frequencies - 1 Wire Interface, 12x Serialization(1)
LVDS Output Rate (MSPS)
Setup Time (tsu), ns
Hold Time (tH), ns
tPROG = (9/12) × T + tdelay, ns
(2)
Zero-Crossing of LCLKP to
Data Valid to Zero-
tPROG = delay from Input clock zero-cross
Data Becoming Invalid
Crossing of LCLKP
rising edge to frame clock zero cross rising
Fs (1/T)
(both edges)
edge)
(both edges)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
0.22
0.35
0.21
0.38
9
50
0.38
0.6
0.45
0.6
9
40
0.4
0.7
0.7
1
9
25
1
1.3
1.4
1.7
9
10
3.6
3.9
3.7
4
9
(1)
Bit clock and Frame clock jitter has been included in the Setup and hold timing.
(2)
Values below correspond to tdelay, NOT tPROG
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com