Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10321 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC10321 Datasheet HTML 17Page - Texas Instruments ADC10321 Datasheet HTML 18Page - Texas Instruments ADC10321 Datasheet HTML 19Page - Texas Instruments ADC10321 Datasheet HTML 20Page - Texas Instruments ADC10321 Datasheet HTML 21Page - Texas Instruments ADC10321 Datasheet HTML 22Page - Texas Instruments ADC10321 Datasheet HTML 23Page - Texas Instruments ADC10321 Datasheet HTML 24Page - Texas Instruments ADC10321 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ADC10321
www.ti.com
SNAS028F – JUNE 2000 – REVISED MAY 2013
Attempting to drive a high capacitance digital data bus. The more capacitance the output drivers has to
charge for each conversion, the more instantaneous digital current is required from VD and DGND. These large
charging current spikes can couple into the analog section, degrading dynamic performance. Adequate
bypassing and maintaining separate analog and digital ground planes will reduce this problem on the board.
Buffering the digital data outputs (with an 74F541, for example) may be necessary if the data bus to be driven is
heavily loaded. Dynamic performance can also be improved by adding series resistors of 47
Ω at each digital
output.
Driving the VREF+ F pin or the VREF− F pin with devices that can not source or sink the current required
by the ladder. As mentioned in REFERENCE INPUTS, be careful to see that any driving devices can source
sufficient current into the VREF+ F pin and sink sufficient current from the VREF− F pin. If these pins are not driven
with devices than can handle the required current, they will not be held stable and the converter output will
exhibit excessive noise.
Using a clock source with excessive jitter. This will cause the sampling interval to vary, causing excessive
output noise and a reduction in SNR performance. Simple gates with RC timing is generally inadequate.
Using the same voltage source for VD and other digital logic. As mentioned in POWER SUPPLY
CONSIDERATIONS, VD should use the same power source used by VA, but should be decoupled from VA.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC10321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com