Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS25 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS25
Description  8-Bit Addressable Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS25 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54LS25 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C
DM54LS
DM74LS
Symbol
Parameter
From (Input)
CL e 15 pF
CL e 50 pF
Units
To (Output)
RL e 2kX
Min
Max
Min
Max
tPLH
Propagation Delay Time
Enable to
27
38
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Enable to
24
32
ns
High to Low Level Output
Output
tPLH
Propagation Delay Time
Data to
30
35
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Data to
20
30
ns
High to Low Level Output
Output
tPLH
Propagation Delay Time
Select to
30
41
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Select to
29
38
ns
High to Low Level Output
Output
tPHL
Propagation Delay Time
Clear to
18
36
ns
High to Low Level Output
Output
Physical Dimensions inches (millimeters)
Ceramic Leadless Chip Carrier (E)
Order Number DM54LS259E
NS Package Number E20A
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com