Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS25 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS25
Description  8-Bit Addressable Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS25 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54LS25 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS25 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6418
May 1992
DM54LS259DM74LS259 8-Bit Addressable Latches
General Description
These 8-bit addressable latches are designed for general
purpose storage applications in digital systems Specific
uses include working registers serial-holding registers and
active-high decoders or demultiplexers They are multifunc-
tional devices capable of storing single-line data in eight
addressable latches and being a 1-of-8 decoder or demulti-
plexer with active-high outputs
Four distinct modes of operation are selectable by control-
ling the clear and enable inputs as enumerated in the func-
tion table In the addressable-latch mode data at the data-
in terminal is written into the addressed latch The ad-
dressed latch will follow the data input with all unaddressed
latches remaining in their previous states In the memory
mode all latches remain in their previous states and are
unaffected by the data or address inputs To eliminate the
possibility of entering erroneous data in the latches the en-
able should be held high (inactive) while the address lines
are changing In the 1-of-8 decoding or demultiplexing
mode the addressed output will follow the level of the D
input with all other outputs low In the clear mode all out-
puts are low and unaffected by the address and data inputs
Features
Y
8-Bit parallel-out storage register performs serial-to-par-
allel conversion with storage
Y
Asynchronous parallel clear
Y
Active high decoder
Y
Enabledisable input simplifies expansion
Y
Direct replacement for Fairchild 9334
Y
Expandable for N-bit applications
Y
Four distinct functional modes
Y
Typical propagation delay times
Enable-to-output 18 ns
Data-to-output 16 ns
Address-to-output 21 ns
Clear-to-output 17 ns
Y
Fan-out
IOL (sink current)
54LS259 4 mA
74LS259 8 mA
IOH (source current) b04 mA
Y
Typical ICC 22 mA
Connection Diagram
Dual-In-Line Package
TLF6418 – 1
Order Number DM54LS259E DM54LS259J
DM54LS259W DM74LS259M
DM74LS259WM or DM74LS259N
See NS Package Number E20A J16A
M16A M16B N16E or W16A
Function Table
Inputs
Output of
Each
Addressed
Other
Function
Clear
E
Latch
Output
HL
D
Qi0
Addressable Latch
HH
Qi0
Qi0
Memory
L
L
D
L
8-Line Demultiplexer
L
H
L
L
Clear
Latch Selection Table
Select Inputs
Latch
CB
A
Addressed
LLL
0
LL
H
1
LHL
2
LH
H
3
HL
L
4
HLH
5
HH
L
6
HHH
7
H e High Level L e Low Level
D e the Level of the Data Input
Qi0 e the Level of Qi (i e 0 1
7 as Appropriate) before the Indicated
Steady-State Input Conditions Were Established
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM54LS25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
TRI-STATE Data Selectors/Multiplexers
DM54LS251J NSC-DM54LS251J Datasheet
135Kb / 6P
TRI-STATE Data Selectors/Multiplexers
DM54LS251W NSC-DM54LS251W Datasheet
135Kb / 6P
TRI-STATE Data Selectors/Multiplexers
DM54LS253 NSC-DM54LS253 Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
DM54LS253J NSC-DM54LS253J Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
More results

Similar Description - DM54LS25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SN54259 TI-SN54259 Datasheet
200Kb / 5P
8-BIT ADDRESSABLE LATCHES
logo
Fairchild Semiconductor
DM74LS259 FAIRCHILD-DM74LS259 Datasheet
59Kb / 6P
8-Bit Addressable Latches
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
8-Bit Addressable Latches
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
8-BIT ADDRESSABLE LATCHES
SN54HC289 TI-SN54HC289 Datasheet
365Kb / 15P
8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259_07 Datasheet
686Kb / 19P
8-BIT ADDRESSABLE LATCHES
SN74ALS259DR TI-SN74ALS259DR Datasheet
642Kb / 17P
8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
8-BIT ADDRESSABLE LATCHES
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_14 Datasheet
102Kb / 7P
8-Bit Addressable Latches
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com