Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC11253 Datasheet(PDF) 3 Page - Texas Instruments

Part # 54AC11253
Description  DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54AC11253 Datasheet(HTML) 3 Page - Texas Instruments

  54AC11253_09 Datasheet HTML 1Page - Texas Instruments 54AC11253_09 Datasheet HTML 2Page - Texas Instruments 54AC11253_09 Datasheet HTML 3Page - Texas Instruments 54AC11253_09 Datasheet HTML 4Page - Texas Instruments 54AC11253_09 Datasheet HTML 5Page - Texas Instruments 54AC11253_09 Datasheet HTML 6Page - Texas Instruments 54AC11253_09 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
54AC11253, 74AC11253
DUAL 1OF4 DATA SELECTORS/MULTIPLEXERS
WITH 3STATE OUTPUTS
SCAS041A − MAY 1988 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−3
recommended operating conditions
54AC11253
74AC11253
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
3
5
5.5
V
VCC = 3 V
2.1
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
3.85
V
VCC = 3 V
0.9
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
1.65
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 3 V
−4
−4
IOH
High-level output current
VCC = 4.5 V
−24
−24
mA
IOH
High-level output current
VCC = 5.5 V
−24
−24
mA
VCC = 3 V
12
12
IOL
Low-level output current
VCC = 4.5 V
24
24
mA
IOL
Low-level output current
VCC = 5.5 V
24
24
mA
Dt/Dv
Input transition rise or fall rate
0
10
0
10
ns/ V
TA
Operating free-air temperature
−55
125
−40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54AC11253
74AC11253
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
2.9
IOH = − 50 mA
4.5 V
4.4
4.4
4.4
IOH = − 50 mA
5.5 V
5.4
5.4
5.4
VOH
IOH = − 4 mA
3 V
2.58
2.4
2.48
V
VOH
IOH = − 24 mA
4.5 V
3.94
3.7
3.8
V
IOH = − 24 mA
5.5 V
4.94
4.7
4.8
IOH = − 50 mA†
5.5 V
3.85
IOH = − 75 mA†
5.5 V
3.85
3 V
0.1
0.1
0.1
IOL = 50 mA
4.5 V
0.1
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
IOL = 24 mA
5.5 V
0.36
0.5
0.44
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
IOZ
VO = VCC or GND
5.5 V
± 0.5
± 10
± 5
mA
II
VI = VCC or GND
5.5 V
± 0.1
± 1
± 1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
mA
Ci
VI = VCC or GND
5 V
3.5
pF
Co
VO = VCC or GND
5 V
8
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com