Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC11253 Datasheet(PDF) 1 Page - Texas Instruments

Part # 54AC11253
Description  DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54AC11253 Datasheet(HTML) 1 Page - Texas Instruments

  54AC11253_09 Datasheet HTML 1Page - Texas Instruments 54AC11253_09 Datasheet HTML 2Page - Texas Instruments 54AC11253_09 Datasheet HTML 3Page - Texas Instruments 54AC11253_09 Datasheet HTML 4Page - Texas Instruments 54AC11253_09 Datasheet HTML 5Page - Texas Instruments 54AC11253_09 Datasheet HTML 6Page - Texas Instruments 54AC11253_09 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54AC11253, 74AC11253
DUAL 1OF4 DATA SELECTORS/MULTIPLEXERS
WITH 3STATE OUTPUTS
SCAS041A − MAY 1988 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Permits Multiplexing From N Lines to
One Line
Performs Parallel-to-Serial Conversion
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
Package Options Include Plastic Small-
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
description
Each
of
these
data
selectors/multiplexers
contains inverters and drivers to supply full binary
decoding data selection to the AND-OR gates.
Separate output control inputs are provided for
each of the two four-line sections.
The three-state outputs can interface with and
drive data lines of bus-organized systems. With
all but one of the common outputs disabled (at a
high-impedance state), the low-impedance of the
single enabled output will drive the bus line to a
high or low logic level. Each output has its own
strobe (G). The output is disabled when its strobe
is high.
The 54AC11253 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The 74AC11253 is characterized for
operation from − 40
°C to 85°C.
FUNCTION TABLE
SELECT
INPUTS
DATA INPUTS
OUTPUT
CONTROL
OUTPUT
Y
B
A
C0
C1
C2
C3
CONTROL
G
Y
X
X
X
X
X
X
H
Z
L
LL
XXX
L
L
L
LH
XXX
L
H
L
HX
LX
X
L
L
L
HX
HX
X
L
H
H
LX
XLX
L
L
H
LX
XHX
L
H
H
HX
XX
L
L
L
H
H
X
X
X
H
L
H
Address inputs A and B are common to both sections.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
1Y
GND
2Y
1G
2G
2C3
1C0
1C1
1C2
1C3
VCC
2C0
2C1
2C2
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2C1
2C2
NC
2C3
2G
1C1
1C0
NC
A
B
54AC11253 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
logic symbol
2Y
1Y
5
3
2C2
2C1
2C0
2G
1C3
1C2
1C1
1G
B
A
9
10
11
7
13
14
15
6
2
1
EN
1
0
16
2C3
8
0
1
2
3
MUX
G
0
3
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
1C0
54AC11253 . . . J PACKAGE
74AC11253 ...D OR N PACKAGE
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 54AC11253_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11253 TI-54AC11253 Datasheet
97Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54AC11253_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS251 TI-SN54ALS251 Datasheet
96Kb / 6P
1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F251B TI-SN54F251B Datasheet
99Kb / 7P
1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54ACT11253 TI-54ACT11253 Datasheet
77Kb / 5P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54AC11253 TI-54AC11253 Datasheet
97Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS253 TI1-SN54ALS253_15 Datasheet
797Kb / 18P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54ACT11253 TI1-54ACT11253_09 Datasheet
90Kb / 5P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI1-SN54F253_13 Datasheet
631Kb / 8P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com