Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0397B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0397B
Description  Surface mount, silver (Ag) coated ceramic duplexer.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0397B Datasheet(HTML) 2 Page - CTS Corporation

  CER0397B Datasheet HTML 1Page - CTS Corporation CER0397B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0397B
1800 MHz DCS Duplexer
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
1747
Ant.
1842
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
0.64
0.25
B
28.48
max
*C
0.33
min
D
4.00
0.3
E
9.45
0.13
F
10.80
0.13
G
1.02
0.13
H
0.51
0.13
I
0.51
0.13
J
1.02
0.13
K
6.85
max
L
5.95
max
M
4.90
max
N
1.07
0.13
*Indicates Reference Only
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
2.5
REEL QUANTITY
ea.
500
Rev 1 – Origin Date: September 6,2006 – Revision Date: November 27, 2006
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1600
1650
1700
1750
1800
1850
1900
1950
2000
-50
-40
-30
-20
-10
0
10
20
30
40
50
Customer Feed Direction
Product Marking
CTS
97B
YWW
1747
Ant.
1842



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com