Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0397B Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0397B
Description  Surface mount, silver (Ag) coated ceramic duplexer.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0397B Datasheet(HTML) 1 Page - CTS Corporation

  CER0397B Datasheet HTML 1Page - CTS Corporation CER0397B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0397B
1800 MHz DCS Duplexer
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Features
• Low Loss
• Low Ripple
• High Crossover Rejection
Description
Surface mount, silver (Ag) coated ceramic
Duplexer. Developed for use in 1800 MHz
DCS infrastructure applications.
Weight: 3.3 grams typical
Material: Filter is composed of a ceramic
block coated with Ag and a shield made of
nickel silver plated steel.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Rev 1 – Origin Date: September 6,2006 – Revision Date: November 27, 2006
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Parameter
Frequency
MHz
Typical
@ 25ºC
Specification
@ 25ºC
Spec over
-40ºC to +85ºC
Low Band Response (S21)
Passband Iloss
1710 - 1785
-3.20
-3.60
-3.80
Passband Ripple
1710 - 1785
2.30
2.70
2.80
Passband Return Loss @ Port 2
1710 - 1785
-13.50
-10.00
-10.00
Passband Return Loss @ Ant
1710 - 1785
-13.50
-10.00
-10.00
Attenuation
1805 - 1880
-40.00
-37.00
-37.00
High Band Response (S13)
Passband Iloss
1805 - 1880
-3.00
-3.40
-3.60
Passband Ripple
1805 - 1880
1.90
2.30
2.40
Passband Return Loss @ Port 3
1805 - 1880
-13.50
-10.00
-10.00
Passband Return Loss @ Ant
1805 - 1880
-13.50
-10.00
-10.00
Attenuation
1710 - 1785
-56.00
-53.00
-53.00
Isolation (S23)
Rejection @ Low Band
1710 - 1785
-60.00
-55.00
-55.00
Rejection @ High Band
1805 - 1880
-44.00
-40.00
-40.00
Power into any port
3 Watt max


Similar Part No. - CER0397B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0397A CTS-CER0397A Datasheet
100Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
More results

Similar Description - CER0397B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0237C CTS-CER0237C Datasheet
74Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0335A CTS-CER0335A Datasheet
72Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
CER0395A CTS-CER0395A Datasheet
309Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0439A CTS-CER0439A Datasheet
176Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0472A CTS-CER0472A Datasheet
96Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0496C CTS-CER0496C Datasheet
96Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0613A CTS-CER0613A Datasheet
90Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0668A CTS-CER0668A Datasheet
93Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
DPX0528A CTS-DPX0528A Datasheet
176Kb / 2P
Surface mount, silver (Ag) coated ceramic DUPlexer
KFF7118A CTS-KFF7118A Datasheet
92Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com