Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS240 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS240
Description  Octal TRI-STATE Buffers/Line Drivers/Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS240 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  74LS240 Datasheet HTML 1Page - National Semiconductor (TI) 74LS240 Datasheet HTML 2Page - National Semiconductor (TI) 74LS240 Datasheet HTML 3Page - National Semiconductor (TI) 74LS240 Datasheet HTML 4Page - National Semiconductor (TI) 74LS240 Datasheet HTML 5Page - National Semiconductor (TI) 74LS240 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C
Symbol
Parameter
Conditions
DM54LS
DM74LS
Units
Max
Max
tPLH
Propagation Delay Time
CL e 45 pF
LS240
18
14
ns
Low to High Level Output
RL e 667X
LS241
18
18
tPHL
Propagation Delay Time
CL e 45 pF
LS240
18
18
ns
High to Low Level Output
RL e 667X
LS241
18
18
tPZL
Output Enable Time to
CL e 45 pF
LS240
30
30
ns
Low Level
RL e 667X
LS241
30
30
tPZH
Output Enable Time to
CL e 45 pF
LS240
23
23
ns
High Level
RL e 667X
LS241
23
23
tPLZ
Output Disable Time
CL e 5 pF
LS240
25
25
ns
from Low Level
RL e 667X
LS241
25
25
tPHZ
Output Disable Time
CL e 5 pF
LS240
18
18
ns
from High Level
RL e 667X
LS241
18
18
tPLH
Propagation Delay Time
CL e 150 pF
LS240
18
ns
Low to High Level Output
RL e 667X
LS241
21
tPHL
Propagation Delay Time
CL e 150 pF
LS240
22
ns
High to Low Level Output
RL e 667X
LS241
22
tPZL
Output Enable Time to
CL e 150 pF
LS240
33
ns
Low Level
RL e 667X
LS241
33
tPZH
Output Enable Time to
CL e 150 pF
LS240
26
ns
High Level
RL e 667X
LS241
26
Note
54LS Output load is CL e 50 pF for tPLH tPHL tPZL and tPZH
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com