Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS240 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS240
Description  Octal TRI-STATE Buffers/Line Drivers/Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS240 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74LS240 Datasheet HTML 1Page - National Semiconductor (TI) 74LS240 Datasheet HTML 2Page - National Semiconductor (TI) 74LS240 Datasheet HTML 3Page - National Semiconductor (TI) 74LS240 Datasheet HTML 4Page - National Semiconductor (TI) 74LS240 Datasheet HTML 5Page - National Semiconductor (TI) 74LS240 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6411
April 1992
DM54LS240DM74LS240
DM54LS241DM74LS241
Octal TRI-STATE
BuffersLine DriversLine Receivers
General Description
These buffersline drivers are designed to improve both the
performance and PC board density of TRI-STATE buffers
drivers employed as memory-address drivers clock drivers
and bus-oriented transmittersreceivers Featuring 400 mV
of hysteresis at each low current PNP data line input they
provide improved noise rejection and high fanout outputs
and can be used to drive terminated lines down to 133X
Features
Y
TRI-STATE outputs drive bus lines directly
Y
PNP inputs reduce DC loading on bus lines
Y
Hysteresis at data inputs improves noise margins
Y
Typical IOL (sink current)
54LS
12 mA
74LS
24 mA
Y
Typical IOH (source current)
54LS
b
12 mA
74LS
b
15 mA
Y
Typical propagation delay times
Inverting
105 ns
Noninverting
12 ns
Y
Typical enabledisable time 18 ns
Y
Typical power dissipation (enabled)
Inverting
130 mW
Noninverting
135 mW
Connection Diagrams
Dual-In-Line Package
TLF6411 – 1
Dual-In-Line Package
TLF6411 – 2
Order Number DM54LS240J
DM54LS240W DM54LS240E
DM74LS240WM or DM74LS240N
See NS Package Number E20A J20A
M20B N20A or W20A
Order Number DM54LS241J
DM54LS241W DM54LS241E
DM74LS241WM or DM74LS241N
See NS Package Number E20A J20A
M20B N20A or W20A
Function Tables
LS240
Inputs
Output
G
AY
LL
H
LH
L
HX
Z
LS241
Inputs
Outputs
GG
1A
2A
1Y
2Y
XL
L
X
L
XL
H
X
H
XH
X
X
Z
HX
X
L
L
HX
X
H
H
LX
X
X
Z
L e Low Logic Level
H e High Logic Level
X e Either Low or High Logic Level
Z e High Impedance
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74LS240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS240 ONSEMI-74LS240 Datasheet
122Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS240 TI-74LS240 Datasheet
247Kb / 16P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LS240 FAIRCHILD-74LS240 Datasheet
72Kb / 7P
Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
Hitachi Semiconductor
74LS240 HITACHI-74LS240 Datasheet
53Kb / 5P
Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
logo
Texas Instruments
74LS240 TI-74LS240 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LS240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
Octal Buffers/Line Drivers with TRI-STATE Outputs
54LS244 NSC-54LS244 Datasheet
139Kb / 6P
Octal TRI-STATEE Buffers/Line Drivers/Line Receivers
logo
Hitachi Semiconductor
HD74HCT244 HITACHI-HD74HCT244 Datasheet
58Kb / 9P
Octal Buffers/Line Drivers/Line Receivers(noninverted 3-state outputs)
HD74LS240 HITACHI-HD74LS240 Datasheet
53Kb / 5P
Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
HD74LS241 HITACHI-HD74LS241 Datasheet
54Kb / 5P
Octal Buffers/Line Drivers/Line Receivers
logo
National Semiconductor ...
MM54C941 NSC-MM54C941 Datasheet
136Kb / 6P
Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
54LS240 NSC-54LS240 Datasheet
102Kb / 3P
Octal TRI-STATE Buffers/Line Drivers/Line Receivers
DM74S940 NSC-DM74S940 Datasheet
117Kb / 2P
TRI-STATE Buffers/Line Drivers/Line Receivers
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
Octal Buffers/Line Drivers With TRI-State Outputs
logo
Renesas Technology Corp
HD74LS240 RENESAS-HD74LS240 Datasheet
74Kb / 6P
Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com