Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2002CSN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2002CSN
Description  NiCd/NiMH Fast-Charge Management IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2002CSN Datasheet(HTML) 4 Page - Texas Instruments

  BQ2002CSN Datasheet HTML 1Page - Texas Instruments BQ2002CSN Datasheet HTML 2Page - Texas Instruments BQ2002CSN Datasheet HTML 3Page - Texas Instruments BQ2002CSN Datasheet HTML 4Page - Texas Instruments BQ2002CSN Datasheet HTML 5Page - Texas Instruments BQ2002CSN Datasheet HTML 6Page - Texas Instruments BQ2002CSN Datasheet HTML 7Page - Texas Instruments BQ2002CSN Datasheet HTML 8Page - Texas Instruments BQ2002CSN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Starting A Charge Cycle
Either of two events starts a charge cycle (see Figure 4):
1. Application of power to VCC or
2. Voltage at the BAT pin falling through the maximum
cell voltage VMCV where
VMCV = 2V
±5%.
If the battery is within the configured temperature and
voltage limits, the IC begins fast charge.
The valid
battery voltage range is VLBAT <VBAT <VMCV, where
VLBAT = 0.175
∗ VCC ±20%
The valid temperature range is VTS >VHTF where
VHTF = 0.6
∗ VCC ±5%.
If VBAT
≤ VLBAT or VTS ≤ VHTF, the IC enters the charge-
pending state.
In this state pulse trickle charge is
applied to the battery and the LED flashes until the
voltage and temperature come into the allowed fast
charge range or VBAT rises above VMCV. Anytime VBAT
≥ VMCV, the IC enters the Charge Complete/Battery
Absent state. In this state the LED is off and trickle
charge is applied to the battery until the next new
charge cycle begins.
Fast charge continues until termination by one or more of
the five possible termination conditions:
n Peak voltage detection (PVD)
n Negative delta voltage (-
∆V)
n Maximum voltage
n Maximum temperature
n Maximum time
4
Corresponding
Fast-Charge
Rate
TM
Termination
Typical
Fast-
Charge
Time Limits
(minutes)
Typical PVD
and -
∆V
Hold-Off
Time (seconds)
Pulse-
Trickle
Rate
Pulse-
Trickle
Pulse Width
(ms)
Maximum
Synchronized
Sampling
Period
(seconds)
C/2
Mid
PVD
160
300
C/32
73
18.7
1C
Low
PVD
80
150
C/32
37
18.7
2C
High
-
∆V
40
75
C/32
18
9.4
Notes:
Typical conditions = 25°C, VCC = 5.0V
Mid = 0.5 * VCC ±0.5V
Tolerance on all timing is ±12%.
Table 1. Fast-Charge Safety Time/Hold-Off Table
bq2002C
TD2002C1.eps
Fast Charging
VCC = 0
Fast Charging
CC Output
LED
Charge initiated by application of power
Charge initiated by battery replacement
Pulse-Trickle
See
Table 1
1s
Figure 4. Charge Cycle Phases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com