Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2002CSN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2002CSN
Description  NiCd/NiMH Fast-Charge Management IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2002CSN Datasheet(HTML) 1 Page - Texas Instruments

  BQ2002CSN Datasheet HTML 1Page - Texas Instruments BQ2002CSN Datasheet HTML 2Page - Texas Instruments BQ2002CSN Datasheet HTML 3Page - Texas Instruments BQ2002CSN Datasheet HTML 4Page - Texas Instruments BQ2002CSN Datasheet HTML 5Page - Texas Instruments BQ2002CSN Datasheet HTML 6Page - Texas Instruments BQ2002CSN Datasheet HTML 7Page - Texas Instruments BQ2002CSN Datasheet HTML 8Page - Texas Instruments BQ2002CSN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Features
➤
Fast charge of nickel cadmium
or nickel-metal hydride batter-
ies
➤
Direct LED output displays
charge status
➤
Fast-charge termination by -
∆V,
maximum voltage, maximum
temperature, and maximum
time
➤
Internal band-gap voltage ref-
erence
➤
Selectable pulse-trickle charge
rates
➤
Low-power mode
➤
8-pin 300-mil DIP or 150-mil
SOIC
General Description
The bq2002C Fast-Charge IC is a low-
cost CMOS battery-charge controller
providing reliable charge termination
for both NiCd and NiMH battery appli-
cations.
Controlling a current-limited
or constant-current supply allows the
bq2002C to be the basis for a cost-
effective stand-alone or system-inte-
grated charger.
The bq2002C inte-
grates fast charge with pulsed-trickle
control in a single IC for charging one
or more NiCd or NiMH battery cells.
Fast charge is initiated on application
of the charging supply or battery
replacement. For safety, fast charge is
inhibited if the battery temperature
and voltage are outside configured
limits.
Fast charge is terminated by any of
the following:
n Peak voltage detection (PVD)
n Negative delta voltage (-
∆V)
n Maximum voltage
n Maximum temperature
n Maximum time
After fast charge, the bq2002C pulse-
trickles the battery per the pre-
configured limits. Fast charge may be
inhibited using the INH pin.
The
bq2002C may also be placed in low-
standby-power mode to reduce
system power consumption.
NiCd/NiMH Fast-Charge Management IC
bq2002C
TM
Timer mode select input
LED
Charging status output
BAT
Battery voltage input
VSS
System ground
1
PN-200201.eps
8-Pin DIP or
Narrow SOIC
2
3
4
8
7
6
5
TM
LED
BAT
VSS
CC
INH
VCC
TS
TS
Temperature sense input
VCC
Supply voltage input
INH
Charge inhibit input
CC
Charge control output
Pin Connections
Pin Names
SLUS136 - AUGUST 2011


Similar Part No. - BQ2002CSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002CSN TI-BQ2002CSN Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002CSN TI2-BQ2002CSN Datasheet
494Kb / 20P
NiCd/NiMH Fast-Charge Management IC
AUGUST 2011
BQ2002CSN.B TI2-BQ2002CSN.B Datasheet
494Kb / 20P
NiCd/NiMH Fast-Charge Management IC
AUGUST 2011
BQ2002CSNTR TI2-BQ2002CSNTR Datasheet
494Kb / 20P
NiCd/NiMH Fast-Charge Management IC
AUGUST 2011
BQ2002CSNTR.B TI2-BQ2002CSNTR.B Datasheet
494Kb / 20P
NiCd/NiMH Fast-Charge Management IC
AUGUST 2011
More results

Similar Description - BQ2002CSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
NiCd/NiMH Fast-Charge Management ICs
2/99
BQ24401 TI-BQ24401 Datasheet
179Kb / 15P
Programmable NiCd/NiMH Fast-Charge Management Device
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
NiCd/NiMH Fast-Charge Management ICs
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com