Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7891IPFBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7891IPFBT Datasheet HTML 3Page - Texas Instruments ADS7891IPFBT Datasheet HTML 4Page - Texas Instruments ADS7891IPFBT Datasheet HTML 5Page - Texas Instruments ADS7891IPFBT Datasheet HTML 6Page - Texas Instruments ADS7891IPFBT Datasheet HTML 7Page - Texas Instruments ADS7891IPFBT Datasheet HTML 8Page - Texas Instruments ADS7891IPFBT Datasheet HTML 9Page - Texas Instruments ADS7891IPFBT Datasheet HTML 10Page - Texas Instruments ADS7891IPFBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
7
Terminal Functions
PIN
NAME
I/O
DESCRIPTION
16−23,
DATA BUS
8 BIT BUS
16 BIT BUS
16−23,
26−31
BYTE =
0
1
0
16
DB13
O
D13 (MSB)
D5
D13 (MSB)
17
DB12
O
D12
D4
D12
18
DB11
O
D11
D3
D11
19
DB10
O
D10
D2
D10
20
DB9
O
D9
D1
D9
21
DB8
O
D8
D0 (LSB)
D8
22
DB7
O
D7
0
D7
23
DB6
O
D6
0
D6
26
DB5
O
D5
0
D5
27
DB4
O
D4
0
D4
28
DB3
O
D3
0
D3
29
DB2
O
D2
0
D2
30
DB1
O
D1
0
D1
31
DB0
O
D0 (LSB)
0
D0 (LSB)
36
BUSY
O
Status output. This pin is high when a conversion is in progress.
39
BYTE
I
Byte select input. Used for 8-bit bus reading.
0: No fold back.
1: Lower byte D[5:0] is folded back to high byte so D5 is available in D13 place.
40
CONVST
I
Conversion start. The rising edge starts the acquisition. The falling edge of this input ends the
acquisition and starts the conversion. Refer to the timing diagrams for more details.
41
RD
I
Active low synchronization pulse for the parallel output. When CS is low, this serves as the output
enable and puts the previous conversion results on the bus.
37
A_PWD
I
Nap mode enable, active low
24, 34
+VBD
Digital power supply for all digital inputs and outputs. Refer to Table 3 for layout guidelines.
25, 35
BDGND
Digital ground for all digital inputs and outputs. Needs to be shorted to analog ground plane below
the device.
42
CS
I
Chip Select. Active low signal enables chip operation like acquisition start, conversion start, bus
release from 3-state. Refer to the timing diagrams for more details.
38
PWD/RST
I
Active low input, acts as device power down/device reset signal.
5, 8, 11, 12, 14,
15, 44, 45
AGND
Analog ground pins. Need to be shorted to analog ground plane below the device.
4, 9, 10, 13, 43,
46
+VA
Analog power supplies. Refer to Table 3 for layout guidelines.
6
+IN
I
Non inverting analog input channel
7
−IN
I
Inverting analog input channel
1
REFIN
I
Reference (positive) input. Needs to be decoupled with REFM pin using 0.1-
µF bypass capacitor
and 1-
µF storage capacitor.
2
REFOUT
O
Internal reference output. To be shorted to REFIN pin when internal reference is used. Do not
connect to REFIN pin when external reference is used. Always needs to be decoupled with AGND
using 0.1-
µF bypass capacitor.
47, 48
REFM
I
Reference ground. To be connected to analog ground plane.
3, 32, 33
NC
No connection pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com