Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7891IPFBT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7891IPFBT Datasheet HTML 9Page - Texas Instruments ADS7891IPFBT Datasheet HTML 10Page - Texas Instruments ADS7891IPFBT Datasheet HTML 11Page - Texas Instruments ADS7891IPFBT Datasheet HTML 12Page - Texas Instruments ADS7891IPFBT Datasheet HTML 13Page - Texas Instruments ADS7891IPFBT Datasheet HTML 14Page - Texas Instruments ADS7891IPFBT Datasheet HTML 15Page - Texas Instruments ADS7891IPFBT Datasheet HTML 16Page - Texas Instruments ADS7891IPFBT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
13
TYPICAL CHARACTERISTICS(1)
Figure 13
0
18
758
2664
1350
208
20
0
500
1000
1500
2000
2500
3000
8190 8191 8192 8193 8194 8195 8196 8197
Code
DC CODE SPREAD AT CENTER OF CODE
+VA = 5 V,
+VBD = 5 V,
Code = 8193,
Sample Rate = 3 MSPS,
Vref = 2.5 V,
TA = 25
5C
Figure 14
12
12.1
12.2
12.3
12.4
12.5
12.6
12.7
12.8
12.9
13
−40
−20
0
20
40
60
80
EFFECTIVE NUMBER OF BITS
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 100 kHz,
Sample Rate = 3 MSPS,
+VA = 5 V,
+VBD = 5 V,
Vref = 2.5 V
Figure 15
75
76
77
78
79
−40
−20
0
20
40
60
80
SIGNAL-TO-NOISE AND DISTORTION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 100 kHz,
Sample Rate = 3 MSPS,
+VA = 5 V,
+VBD = 5 V,
Vref = 2.5 V
Figure 16
75
75.5
76
76.5
77
77.5
78
78.5
79
−40
−20
0
20
40
60
80
SIGNAL-TO-NOISE RATIO
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 100 kHz,
Sample Rate = 3 MSPS,
+VA = 5 V,
+VBD = 5 V,
Vref = 2.5 V
(1) At Vref = 2.5 V external, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com