Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4849 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4849
Description  HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V, 7A)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4849 Datasheet(HTML) 1 Page - Rohm

  2SC4849 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(94L-712-C342)
(96-736-C358)
302
Transistors
2SC4849
Transistors
2SC5147


Similar Part No. - 2SC4849

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4849 ROHM-2SC4849 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Inchange Semiconductor ...
2SC4849 ISC-2SC4849 Datasheet
71Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4849 SAVANTIC-2SC4849 Datasheet
115Kb / 3P
Silicon NPN Power Transistors
2SC4849 SAVANTIC-2SC4849 Datasheet
117Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4849 NJSEMI-2SC4849 Datasheet
128Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC4849

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
Power Transistor (120V, 7A)
logo
Shindengen Electric Mfg...
2SA1598 SHINDENGEN-2SA1598 Datasheet
423Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1796 SHINDENGEN-2SA1796 Datasheet
407Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1879 SHINDENGEN-2SA1879 Datasheet
408Kb / 8P
Switching Power Transistor(-7A PNP)
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
Switching Power Transistor(7A NPN)
2SC4981 SHINDENGEN-2SC4981 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
logo
Rohm
2SA1759 ROHM-2SA1759 Datasheet
83Kb / 4P
High-Voltage Switching Transistor(Camera strobes and Telephone, Power supply)
2SA1807 ROHM-2SA1807 Datasheet
46Kb / 1P
High-Voltage Switching Transistor (Telephone, Power Supply) (-600V, -1A)
2SA1727TLQ ROHM-2SA1727TLQ Datasheet
31Kb / 1P
High-voltage Switching Transistor (Telephone power supply)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com