Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8224 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8224
Description  Clock Generator and Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8224 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8224 Datasheet HTML 1Page - National Semiconductor (TI) DP8224 Datasheet HTML 2Page - National Semiconductor (TI) DP8224 Datasheet HTML 3Page - National Semiconductor (TI) DP8224 Datasheet HTML 4Page - National Semiconductor (TI) DP8224 Datasheet HTML 5Page - National Semiconductor (TI) DP8224 Datasheet HTML 6Page - National Semiconductor (TI) DP8224 Datasheet HTML 7Page - National Semiconductor (TI) DP8224 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
VCC
7V
VDD
15V
Input Voltage
b
1V to a55V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1509 mW
Molded Package
1476 mW
Lead Temperature (Soldering 4 seconds)
260 C
Derate cavity package 101 mW C above 25 C derate molded package
118 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage
VCC
475
525
V
VDD
114
126
V
Temperature (TA)0
a
70
C
Electrical Characteristics (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IF
Input Current Loading
VF e 045V
b
025
mA
IR
Input Leakage Current
VR e 525V
10
m
A
VC
Input Forward Clamp Voltage
IC eb5mA
b
10
V
VIL
Input ‘‘Low’’ Voltage
VCC e 5V
08
V
VIH
Input ‘‘High’’ Voltage
RESIN Input
26
V
All Other Inputs
20
V
VIHbVIL
RESIN Input Hysteresis
VCC e 5V
025
V
VOL
Output ‘‘Low’’ Voltage
(w1 w2) Ready Reset STSTB
IOL e 25 mA
045
V
Osc w2 (TTL)
IOL e 10 mA
045
V
Osc w2 (TTL)
IOL e 15 mA
045
V
VOH
Output ‘‘High’’ Voltage
w
1 w2IOH eb100 mA
94
V
Ready Reset
IOH eb100 mA
36
V
Osc w2 (TTL) STSTB
IOH eb1 mA
24
V
ISC
Output Short-Circuit Current
VO e 0V VCC e 5V
(All Low Voltage Outputs Only)
b
10
b
60
mA
(Note 1)
ICC
Power Supply Current
115
mA
IDD
Power Supply Current
12
mA
Note 1
Caution bw1 and w2 output drivers do not have short circuit protection
Note 2
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 3
Unless otherwise specified minmax limits apply across the 0 Cto a70 C range for the DP8224 All typical values are for TA e 25 C VCC e 5V and
VDD e 12V
Crystal Requirements
Tolerance
0005% at 0 Cto a70 C
Resonance
Fundamental
Load Capacitance
20 pF to 30 pF
It is good design practice to ground the case of the crystal
With tank circuit use 3rd overtone mode
Equivalent Resistance
75X to 20X
Power Dissipation (Min)
4 mW
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com