Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8224 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8224
Description  Clock Generator and Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8224 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8224 Datasheet HTML 1Page - National Semiconductor (TI) DP8224 Datasheet HTML 2Page - National Semiconductor (TI) DP8224 Datasheet HTML 3Page - National Semiconductor (TI) DP8224 Datasheet HTML 4Page - National Semiconductor (TI) DP8224 Datasheet HTML 5Page - National Semiconductor (TI) DP8224 Datasheet HTML 6Page - National Semiconductor (TI) DP8224 Datasheet HTML 7Page - National Semiconductor (TI) DP8224 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF8752
June 1986
DP8224 Clock Generator and Driver
General Description
The DP8224 is a clock generatordriver contained in a stan-
dard 16-pin dual-in-line package The chip which is fabri-
cated using Schottky Bipolar technology generates clocks
and timing for the 8080A microcomputer family
Included in the DP8224 is an oscillator circuit that is con-
trolled by an external crystal which is selected by the de-
signer to meet a variety of system speed requirements Also
included in the chip are circuits that provide a status strobe
for the DP8228 or DP8238 system controllers power-on re-
set for the 8080A microprocessor and synchronization of
the READY input to the 8080A
Features
Y
Crystal-controlled oscillator for stable system operation
Y
Single chip clock generator and driver for 8080A micro-
processor
Y
Provides status strobe for DP8228 or DP8238 system
controllers
Y
Provides power-on reset for 8080A microprocessor
Y
Synchronizes READY input to 8080A microprocessor
Y
Provides oscillator output for synchronization of exter-
nal circuits
Y
Reduces system component count
8080A Microcomputer Family Block Diagram
TLF8752 – 1
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8224

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8226 NSC-DP8226 Datasheet
118Kb / 6P
4-Bit Bidirectional Bus Transceivers
DP8226J NSC-DP8226J Datasheet
118Kb / 6P
4-Bit Bidirectional Bus Transceivers
DP8226MJ NSC-DP8226MJ Datasheet
118Kb / 6P
4-Bit Bidirectional Bus Transceivers
DP8226N NSC-DP8226N Datasheet
118Kb / 6P
4-Bit Bidirectional Bus Transceivers
DP8228 NSC-DP8228 Datasheet
137Kb / 6P
System Controller and Bus Driver
More results

Similar Description - DP8224

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C84A-2RS OKI-MSM82C84A-2RS Datasheet
164Kb / 18P
CLOCK GENERATOR AND DRIVER
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
CMOS CLOCK GENERATOR & DRIVER
logo
NEC
UPD71084 NEC-UPD71084 Datasheet
296Kb / 8P
Clock Pulse Generator/Driver
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
CLOCK GENERATOR AND DRIVER
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Intel Corporation
8224 INTEL-8224 Datasheet
231Kb / 5P
CLOCK GENERATOR AND DRIVER FOR 8080A CPU
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
CMOS Clock Generator Driver
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com