Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 55 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 51Page - Texas Instruments CC1150-RTY1 Datasheet HTML 52Page - Texas Instruments CC1150-RTY1 Datasheet HTML 53Page - Texas Instruments CC1150-RTY1 Datasheet HTML 54Page - Texas Instruments CC1150-RTY1 Datasheet HTML 55Page - Texas Instruments CC1150-RTY1 Datasheet HTML 56Page - Texas Instruments CC1150-RTY1 Datasheet HTML 57Page - Texas Instruments CC1150-RTY1 Datasheet HTML 58Page - Texas Instruments CC1150-RTY1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
6.2.4
Reference Signal
The chip can alternatively be operated with a reference signal from 26 to 27 MHz instead of a crystal. This
input clock can either be a full-swing digital signal (0 V to VDD) or a sine wave of maximum 1-V peak-to-
peak amplitude. The reference signal must be connected to the XOSC_Q1 input. The sine wave must be
connected to XOSC_Q1 using a serial capacitor. The XOSC_Q2 line must be left unconnected. C51 and
C71 can be omitted when using a reference signal.
6.2.5
Additional Filtering
In the 868/915 MHz reference design, C106 and L105 together with C105 build an optional filter to reduce
emission at 699 MHz. This filter may be necessary for applications seeking compliance with ETSI EN 300-
220, for more information, see DN017 [6]. If this filtering is not necessary, C105 will work as a DC block
(only necessary if there is a DC path in the antenna). C106 and L105 should in that case be left
unmounted.
Additional external components (for example, an RF SAW filter) may be used in order to improve the
performance in specific applications. The use of wire-wound inductors in the application circuit will also
improve the RF performance and give higher output power. For more information, see DN017 [6].
6.2.6
Power Supply Decoupling
The power supply must be properly decoupled close to the supply pins.
NOTE
Decoupling capacitors are not shown in the application circuit. The placement and the size of
the decoupling capacitors are very important to achieve the optimum performance.
The CC1150EM reference design should be followed closely (see [1] and [2]).
6.3
PCB Layout Recommendations
The top layer should be used for signal routing, and the open areas should be filled with metallization
connected to ground using several vias.
The area under the chip is used for grounding and shall be connected to the bottom ground plane with
several vias for good thermal performance and sufficiently low inductance to ground.
In the CC1150EM reference designs (see [1] and [2]), 5 vias are placed inside the exposed die attached
pad. These vias should be “tented” (covered with solder mask) on the component side of the PCB to avoid
migration of solder through the vias during the solder-reflow process.
The solder paste coverage should not be 100%. If it is, out gassing may occur during the reflow process,
which may cause defects (splattering, solder balling). Using “tented” vias reduces the solder paste
coverage below 100%. See Figure 6-4 for top solder resist and top paste masks.
All the decoupling capacitors should be placed as close as possible to the supply pin it is supposed to
decouple. Each decoupling capacitor should be connected to the power line (or power plane) by separate
vias. The best routing is from the power line (or power plane) to the decoupling capacitor and then to the
CC1150 supply pin. Supply power filtering is very important.
Copyright © 2006–2015, Texas Instruments Incorporated
Applications, Implementation, and Layout
55
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com