Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTY1 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 2Page - Texas Instruments CC1150-RTY1 Datasheet HTML 3Page - Texas Instruments CC1150-RTY1 Datasheet HTML 4Page - Texas Instruments CC1150-RTY1 Datasheet HTML 5Page - Texas Instruments CC1150-RTY1 Datasheet HTML 6Page - Texas Instruments CC1150-RTY1 Datasheet HTML 7Page - Texas Instruments CC1150-RTY1 Datasheet HTML 8Page - Texas Instruments CC1150-RTY1 Datasheet HTML 9Page - Texas Instruments CC1150-RTY1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
4
Specifications
4.1
Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
CONDITION
All supply pins must have the same
Supply voltage
–0.3
3.6
V
voltage
Voltage on any digital pin
–0.3
VDD + 0.3, max 3.6
V
Voltage on the pins RF_P, RF_N and
–0.3
2.0
V
DCOUPL
Voltage ramp-up
120
kV/µs
Input RF level
+10
dBm
Storage temperature range, Tstg
–50
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
4.2
ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
< 500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM)
250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
According to JEDEC STD 22, method A114, Human Body Model
4.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
CONDITION
Operating temperature
–40
85
°C
All supply pins must have the same
Operating supply voltage
1.8
3.6
V
voltage
4.4
General Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
300
348
MHz
Frequency range
400
464
MHz
800
928
MHz
1.2
500
kBaud
2-FSK
1.2
250
kBaud
GFSK, OOK and ASK
(Shaped) MSK (also known as
Data rate
differential offset QPSK)
26
500
kBaud
Optional Manchester encoding (the
data rate in kbps will be half the
baud rate)
6
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com