Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83257VF Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 45Page - National Semiconductor (TI) DP83257VF Datasheet HTML 46Page - National Semiconductor (TI) DP83257VF Datasheet HTML 47Page - National Semiconductor (TI) DP83257VF Datasheet HTML 48Page - National Semiconductor (TI) DP83257VF Datasheet HTML 49Page - National Semiconductor (TI) DP83257VF Datasheet HTML 50Page - National Semiconductor (TI) DP83257VF Datasheet HTML 51Page - National Semiconductor (TI) DP83257VF Datasheet HTML 52Page - National Semiconductor (TI) DP83257VF Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
50 Registers (Continued)
Bit
Symbol
Description
D3 D4
IC0 IC1
Injection Control k0 1l
These bits select one of the 4 injection modes The injection modes have priority
over data from the Smoother Repeat Filter Encoder and Transmit Modes
IC0 is the only bit of the register that is automatically cleared by the PLAYERa device after the One Shot
Injection is executed The automatic clear of IC0 during the One Shot mode can be interpreted as a
acknowledgment that the One Shot has been completed
IC1
IC0
00
No Injection
The normal transmission of incoming PHY Request data (ie symbols are not
injected)
01
One Shot
In one shot mode the contents of Injection Symbol Register A (ISRA) and Injection
Symbol Register B (ISRB) are injected n symbol pairs after a JK where n is the programmed
value of the Injection Count Register (IJCR) If IJCR is set to 0 the JK symbol pair is replaced by
ISRA and ISRB Once the One Shot is executed the PLAYERa device automatically sets IC0 to
0 thereby returning to normal transmission of data
10
Periodic
In Periodic mode the contents of Injection Symbol Register A (ISRA) and Injection
Symbol Register B (ISRB) are injected every n-th symbol pair where n is the programmed value
of the Injection Count Register (IJCR) If IJCR is set to 0 all data symbols are replaced with ISRA
and ISRB
Note
The inserted symbol is not automatically aligned to a JK boundary
11
Continuous
In Continuous mode all data symbols are replaced with the contents of Injection
Symbol Register A (ISRA) and Injection Symbol Register B (ISRB)
D5
SE
SMOOTHER ENABLE
0
Disables the Smoother
1
Enables the Smoother
When enabled the Smoother can redistribute Idle symbol pairs which were added or deleted by the
local or upstream receivers
Note
Once the counter has started it will continue to count irrespective of the incoming symbols with the exception of a JK symbol pair
D6
PRDPE
PHY
REQUEST DATA PARITY ENABLE
0
Disables PHY
Request Data parity
1
Enables PHY
Request Data parity
D7
RES
RESERVED
Reserved for future use
Note
Users are discouraged from using this bit The reserved bit is set to 1 during the reset process It may be set or cleared without any
effects to the functionality of the PLAYERa device
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com