Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83257VF Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 71Page - National Semiconductor (TI) DP83257VF Datasheet HTML 72Page - National Semiconductor (TI) DP83257VF Datasheet HTML 73Page - National Semiconductor (TI) DP83257VF Datasheet HTML 74Page - National Semiconductor (TI) DP83257VF Datasheet HTML 75Page - National Semiconductor (TI) DP83257VF Datasheet HTML 76Page - National Semiconductor (TI) DP83257VF Datasheet HTML 77Page - National Semiconductor (TI) DP83257VF Datasheet HTML 78Page - National Semiconductor (TI) DP83257VF Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 144 page
background image
50 Registers (Continued)
531 MODE REGISTER 2 (MODE2)
The Mode Register 2 (MODE2) is used to configure the PLAYERa device
The register is used to software reset the chip setup data parity and enable scrubbing functions
Note
This register can not be written to during reset
ACCESS RULES
ADDRESS
READ
WRITE
1Eh
Always
Conditional
D7
D6
D5
D4
D3
D2
D1
D0
ESTC
RES
CLKSEL
RES
RES
RES
CBPE
PHYRST
Bit
Symbol
Description
D0
PHYRST
PLAYER RESET
This bit can be used as a master software reset of the PLAYER function within the
PLAYERa device The clock distribution and recovery sections of the chip are not affected by this reset
The PLAYERa automatically clears this bit 32 byte time after its assertion to indicate that the reset action
has been completed
This bit can be set through a C-Bus write but can only be cleared by the PLAYERa
D1
CBPE
C-Bus Parity Enable
This bit disables or enables parity checking on C-Bus data When this bit is set to 0 no
parity checking is done When the bit is set to 1 parity checking is enabled during a C-Bus write cycle Should
a mismatch occur the C-Bus Data Parity Error (ICRCPE) bit will be set and the corresponding C-Bus access
is discarded
C-Bus data parity is always generated during a C-Bus read cycle
D2 – D4
RES
RESERVED
Reserved for future use
D5
CLKSEL
CLOCK SELECT
This bit controls the frequency of the CLK16 output It resets to 0 which sets the CLK16
output to a 15625 MHz frequency When set to 1 a 3125 MHz frequency is generated
Note
When the value of this bit is changed no glitches appear on the CLK16 output due to the frequency change
D6
RES
RESERVED
Reserved for future use
D7
ESTC
ENABLE SCRUBBING on TRIGGER CONDITIONS
When ESTC is set to 1 and a Trigger Condition occurs
(as set in the TDR register) the Trigger Transition Configuration Register (TTCR) is loaded into the
Configuration Register (CR) and scrubbing is started on all indicate ports that have changed
Scrubbing is accomplished by sending out 2 Phy
Invalid symbols followed by ‘‘scrub’’symbol pairs for a time
defined by the Scrub Timer Threshold register
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com