Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1705DPTPD4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTPD4
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTPD4 Datasheet(HTML) 2 Page - Texas Instruments

  AM1705DPTPD4 Datasheet HTML 1Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 2Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 3Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 4Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 5Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 6Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 7Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 8Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 165 page
background image
AM1705
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
1.2
Applications
•
Industrial Automation
•
Test and Measurement
•
Home Automation
•
Portable Data Terminals
1.3
Description
The device is a low-power ARM microprocessor based on an ARM926EJ-S.
The device enables original-equipment manufacturers (OEMs) and original-design manufacturers (ODMs)
to quickly bring to market devices featuring robust operating systems support, rich user interfaces, and
high processing performance life through the maximum flexibility of a fully integrated mixed processor
solution.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core has a coprocessor 15 (CP15), protection module, and data and program memory
management units (MMUs) with table look-aside buffers. The ARM core has separate 16KB of instruction
and 16-KB data caches. Both memory blocks are four-way associative with virtual index virtual tag (VIVT).
The ARM core also has 8KB of RAM (Vector Table) and 64KB of ROM.
The peripheral set includes: a 10/100 Mbps Ethernet MAC (EMAC) with a management data input/output
(MDIO) module; two I2C Bus interfaces; 3 multichannel audio serial port (McASP) with serializers and
FIFO buffers; two 64-bit general-purpose timers each configurable (one configurable as watchdog); up to 8
banks of 16 pins of general-purpose input/output (GPIO) with programmable interrupt/event generation
modes, multiplexed with other peripherals; three UART interfaces (one with both RTS and CTS); three
enhanced high-resolution pulse width modulator (eHRPWM) peripherals; three 32-bit enhanced capture
(eCAP) module peripherals which can be configured as 3 capture inputs or 3 auxiliary pulse width
modulator (APWM) outputs; two 32-bit enhanced quadrature encoded pulse (eQEP) peripherals; and 2
external memory interfaces: an asynchronous and SDRAM external memory interface (EMIFA) for slower
memories or peripherals, and a higher speed memory interface (EMIFB) for SDRAM.
The Ethernet Media Access Controller (EMAC) provides an efficient interface between the device and the
network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbps and 100 Mbps in either half-
or full-duplex mode. Additionally, an MDIO interface is available for PHY configuration.
The I2C, SPI, and USB2.0 ports allow the device to easily control peripheral devices and/or communicate
with host processors.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
The device has a complete set of development tools for the ARM processor. These include C compilers
and a Windows® debugger interface for visibility into source code execution.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AM1705
HLQFP (176)
24.00 mm x 24.00 mm
(1)
For more information on these devices, see Section 8, Mechanical Packaging and Orderable
Information.
2
AM1705 ARM Microprocessor
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com