Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1705DPTPD4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTPD4
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTPD4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM1705DPTPD4 Datasheet HTML 17Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 18Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 19Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 20Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 21Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 22Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 23Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 24Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 165 page
background image
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
3.6.9
Boot
Table 3-11. Boot Terminal Functions(1)
PIN NO
SIGNAL NAME
TYPE(2)
PULL(3)
MUXED
DESCRIPTION
PTP
EMA_CS[2]/GP2[5]/BOOT[15]
23
I
IPU
EMIFA, GPIO
EMIFA, McASP0,
EMA_WE/AXR0[12]/GP2[3]/BOOT[14]
55
I
IPU
GPIO
EMA_D[7]/MMCSD_DAT[7]/GP0[7]/BOOT[13]
54
I
IPU
EMIFA, MMC/SD,
GPIO
EMA_D[0]/MMCSD_DAT[0]/GP0[0]/BOOT[12]
44
I
IPU
McASP0, EMAC,
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
129
I
IPD
GPIO
AFSX0/GP2[13]/BOOT[10]
127
I
IPD
McASP0, GPIO
UART0, I2C0, Timer0,
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
I
IPU
GPIO
UART0, I2C0, Timer0, Boot Selection
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
I
IPU
GPIO
Signals
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
16
I
IPD
SPI1, eQEP1, GPIO
SPI1_SIMO[0]/I2C1_SDA/GP5[6]/BOOT[6]
14
I
IPU
SPI1, I2C1, GPIO
SPI1_SOMI[0]/I2C1_SCL/GP5[5]/BOOT[5]
13
I
IPU
SPI0, UART0,
SPI0_SCS[0]/UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
9
I
IPU
eQEP0, GPIO
SPI0, UART0,
SPI0_ENA/UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
12
I
IPU
eQEP0, GPIO
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
11
I
IPD
SPIO, eQEP1, GPIO
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
18
I
IPD
SPI0, eQEP0, GPIO
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
17
I
IPD
(1)
Boot decoding will be defined in the ROM datasheet.
(2)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (i.e., input versus output), the table reflects the pin function direction for that particular peripheral.
(3)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com