Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812BSPAPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812BSPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812BSPAPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button AMC7812BSPAPR Datasheet HTML 45Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 46Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 47Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 48Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 49Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 50Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 51Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 52Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
POWER-SUPPLY SEQUENCE
The preferred (not required) order for applying power is IOVDD, DVDD/AVDD, and then AVCC. All registers
initialize to the default values after these supplies are established. Communication with the device is valid after a
250-µs maximum power-on reset delay. The default state of all analog blocks is off as determined by the power-
down register (6Bh). Before writing to this register, a hardware reset should be issued to ensure specified device
operation. Device communication is valid after a maximum 250-µs reset delay from the RESET rising edge. If
DVDD falls below 2.7 V, the minimum supply value of DVDD, either issue a hardware or power-on reset in order
to resume proper operation.
To avoid activating the device ESD protection diodes, do not apply the GPIO-4, GPIO-5, GPIO-6, and GPIO-7
inputs before the AVDD is established. Also, if using the external reference configuration of the ADC, do not
apply ADC-REF-IN/CMP before AVDD.
PRIMARY COMMUNICATION INTERFACE
The device communicates with the system controller through the primary communication interface, which can be
configured as either an I2C-compatible two-wire bus or an SPI bus. When the SPI/I2C pin is tied to ground, the
I2C interface is enabled and the SPI is disabled. When the SPI/I2C pin is tied to IOVDD, the I2C interface is
disabled and the SPI is enabled.
I2C-Compatible Interface
This device uses a two-wire serial interface compatible with the I2C-bus specification, version 2.1. The bus
consists of a data line (SDA) and a clock line (SCL) with pull-up structures. When the bus is idle, both SDA and
SCL lines are pulled high. All I2C-compatible devices connect to the I2C bus through open-drain I/O pins SDA
and SCL. A master device, usually a microcontroller or a digital signal processor (DSP), controls the bus. The
master is responsible for generating the SCL signal and device addresses. The master also generates specific
conditions that indicate the start and stop of data transfers. A slave device receives and transmits data on the
bus under control of the master device. The AMC7812B functions as a slave and supports the following data
transfer modes, as defined in the I2C-bus specification: standard mode (100 kbps), fast mode (400 kbps), and
high-speed mode (3.4 Mbps). The data transfer protocol for standard and fast modes is exactly the same;
therefore, they are referred to as F/S mode in this document. The protocol for high-speed mode is different from
the F/S mode, and is referred to as Hs mode. The device supports 7-bit addressing. However 10-bit addressing
and general-call addressing are not supported. The device slave address is determined by the status of pins A0,
A1, and A2, as shown in Table 8.
Table 8. Slave Addresses
A0
A1
A2
SLAVE ADDRESS
GND
GND
GND
1100001
GND
GND
IOVDD
0101100
GND
IOVDD
GND
1100100
GND
IOVDD
IOVDD
0101110
IOVDD
GND
GND
1100010
IOVDD
GND
IOVDD
0101101
IOVDD
IOVDD
GND
1100101
IOVDD
IOVDD
IOVDD
0101111
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com