Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812BSPAPR Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812BSPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812BSPAPR Datasheet(HTML) 71 Page - Texas Instruments

Back Button AMC7812BSPAPR Datasheet HTML 67Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 68Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 69Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 70Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 71Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 72Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 73Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 74Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
Table 22. Status Register (continued)
BIT
NAME
DEFAULT
R/W
DESCRIPTION
Remote temperature reading of D2 when greater than the range flag.
0 = The local temperature is not greater than the range.
5
D2-High -ALR
0
R
1 = The local temperature is greater than the high-bound threshold.
This bit is only checked when D2 is enabled (EN-D2 is '1'); this bit is ignored when EN-D2 is
'0'.
Remote sensor D1 failure flag.
0 = The sensor is in a normal condition.
4
D1-FAIL-ALR
0
R
1 = The sensor is an open-circuit or short-circuit.
This bit is only checked when D1 is enabled (EN-D1 is '1'); this bit is ignored when EN-D1 is
'0'.
Remote sensor D2 failure flag.
0 = The sensor is in a normal condition.
3
D2-FAIL-ALR
0
R
1 = The sensor is an open-circuit or short-circuit.
This bit is only checked when D2 is enabled (EN-D2 is '1'); this is ignored when EN-D2 is
'0'.
Thermal alarm flag.
When the die temperature is equal to or greater than +150°C, the bit is set ('1') and the
2
THERM-ALR
0
R
THERM-ALR flag activates. The on-chip temperature sensor (LT) monitors the die
temperature. If LT is disabled, the THERM-ALR bit is always '0'. The hysteresis of this alarm
is 8°C.
1
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
0
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com