Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344B Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 9Page - National Semiconductor (TI) DP8344B Datasheet HTML 10Page - National Semiconductor (TI) DP8344B Datasheet HTML 11Page - National Semiconductor (TI) DP8344B Datasheet HTML 12Page - National Semiconductor (TI) DP8344B Datasheet HTML 13Page - National Semiconductor (TI) DP8344B Datasheet HTML 14Page - National Semiconductor (TI) DP8344B Datasheet HTML 15Page - National Semiconductor (TI) DP8344B Datasheet HTML 16Page - National Semiconductor (TI) DP8344B Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
20 CPU Description
The CPU is a general purpose 8-bit microprocessor capa-
ble of 20 MHz operation It contains a large register set for
standard CPU operations and control of the transceiver
The reduced instruction set is optimized for the communica-
tions environment The following sections are an architec-
tural and functional description of the DP8344B CPU
21 CPU ARCHITECTURAL DESCRIPTION
211 Register Set
This section describes the BCP’s internal CPU registers It is
a general overview of the register structure and the func-
tions mapped into the CPU register space It is not a de-
tailed or exhaustive description of every bit For such a de-
scription please refer to Section 62 Register Set Refer-
ence Also the Remote Interface Configuration register
RIC
is not accessible to the BCP (being accessible only
by the remote system) and is described in Section 63 Re-
mote Interface Reference
The register set of the BCP provides for a compliment of
both special function and general purpose registers The
special function registers provide access to on-chip periph-
erals (transceiver timer interrupt control etc) while the
general purpose registers maximize CPU throughput by min-
imizing accesses to external data memory The CPU can
address a total of 44 8-bit registers providing access to
 20 general purpose registers
 8 configuration and control registers
 4 transceiver access registers
 2 8-bit accumulators
 4 16-bit pointers
 16-bit timer
 16 byte data stack
 address and data stack pointers
The CPU addresses internal registers with a 5-bit field ad-
dressing 32 locations generically named R0 through R31
The first twelve locations (R0 – R11) are further organized by
function as two groups of banked registers (A and B) as
shown in
Figure 2-1 Each group contains both a main and
an alternate bank Only one bank is active for group A and
one for bank B and thus accessible during program execu-
tion Switching between the banks is performed by the ex-
change instruction EXX which selects whether Main A or
Alternate A occupies R0 – R3 and whether Main B or Alter-
nate B occupies R4 – R11
TLF9336 – 32
FIGURE 2-1 Register Map
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com