Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8344B Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 17Page - National Semiconductor (TI) DP8344B Datasheet HTML 18Page - National Semiconductor (TI) DP8344B Datasheet HTML 19Page - National Semiconductor (TI) DP8344B Datasheet HTML 20Page - National Semiconductor (TI) DP8344B Datasheet HTML 21Page - National Semiconductor (TI) DP8344B Datasheet HTML 22Page - National Semiconductor (TI) DP8344B Datasheet HTML 23Page - National Semiconductor (TI) DP8344B Datasheet HTML 24Page - National Semiconductor (TI) DP8344B Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
20 CPU Description (Continued)
Indexed Addressing Modes
Indexed operands involve one of four possible CPU register
pairs referred to as the index registers
Figure 2-4 illustrates
how the index registers map into the CPU Register Set
Note that the index registers are 16 bits wide
Index registers allow for indirect memory addressing and
usually contain data memory addresses
although
the
LJMP instruction can use index registers to hold instruction
memory addresses Most of the instructions that allow
memory indirect addressing (ie the use of index registers)
also allow pre-incrementing post-incrementing or post-dec-
rementing of the index register contents during instruction
execution if desired Table 2-3 lists the notations used for
the index register modes
The index registers are set to zero when the BCP’s RESET
pin is asserted
Index
CPU Register Pair Forming Index Register
Register (MSB)
(LSB)
IW
R13
R12
15
8 7
0
IX
R15
R14
15
8 7
0
IY
R17
R16
15
8 7
0
IZ
R19
R18
15
8 7
0
FIGURE 2-4 Index Register Map
Immediate-Relative and Register-Relative
Address Modes
The Immediate-Relative mode adds an unsigned 8-bit im-
mediate number to the index register IZ forming a data byte
address The Register-Relative mode adds the unsigned
8-bit value in the current accumulator A to any one of the
index registers forming a data byte address Both of these
indirect memory addressing modes are available only on the
MOVE instruction Table 2-4 shows the notation used for
these two addressing modes
2133 Instruction Set Overview
The BCP’s RISC instruction set contains seven categories
of instructions Data Movement Integer Arithmetic Logic
Shift-Rotate Comparison Program Flow and Miscellane-
ous
Data Movement Instructions
The MOVE instruction is responsible for all the data transfer
operations that the BCP can perform Moving one byte at a
time five different types of transfer are allowed register to
register data memory to register register to data memory
instruction memory to register and instruction memory to
data memory Table 2-5 lists all the variations of the MOVE
instruction
TABLE 2-3 Index Register Addressing Mode Notations
Notation
Meaning
Ir
Index Register Contents Not Changed
Irb
Index Register Contents Post-Decremented
Ira
Index Register Contents Post-Incremented
a
Ir
Index Register Contents Pre-Incremented
mIr
General Notation Indicating that Any of the Above Modes Is Allowed
Note
denotes indirect memory addressing and is part of the instruction syntax
TABLE 2-4 Relative Index Register Mode Notations
Notation
Type of Action Performed to Calculate a Data Memory Address
IZ a n
IZ a Immediate Number (unsigned)
xData Memory Address
Ir a A
Index Register a Current Accumulator (unsigned)
x Data Memory Address
Note
denotes indirect memory addressing and is part of the instruction syntax
TABLE 2-5 Data Movement Instructions
Syntax
Instruction Operation
Addressing Modes
MOVE Rs Rd
register
xregister
Register Register
MOVE Rs mIr
register
xdata memory
Register Indexed
MOVE mIr Rd
data memory
xregister
Indexed Register
MOVE Rs Ir a A
register
xdata memory
Register Register-Relative
MOVE Ir a A Rd
data memory
x register
Register-Relative Register
MOVE rs IZ a n
register
xdata memory
Limited Register Immediate-Relative
MOVE IZ a n rd
data memory
x register
Immediate-Relative Limited Register
MOVE n rd
instruction memory
xregister
Immediate Limited Register
MOVE n Ir
instruction memory
xdata memory
Immediate Indexed
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com