Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC32M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC32M
Description  AC Types Feature 1.5-V to 5.5-V Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74AC32M Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC32M Datasheet HTML 1Page - Texas Instruments CD74AC32M Datasheet HTML 2Page - Texas Instruments CD74AC32M Datasheet HTML 3Page - Texas Instruments CD74AC32M Datasheet HTML 4Page - Texas Instruments CD74AC32M Datasheet HTML 5Page - Texas Instruments CD74AC32M Datasheet HTML 6Page - Texas Instruments CD74AC32M Datasheet HTML 7Page - Texas Instruments CD74AC32M Datasheet HTML 8Page - Texas Instruments CD74AC32M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CD54AC32, CD74AC32
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCHS343 – MARCH 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D AC Types Feature 1.5-V to 5.5-V Operation
and Balanced Noise Immunity at 30% of the
Supply
D Buffered Inputs
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
The ’AC32 devices are quadruple 2-input positive-OR gates. These devices perform the Boolean function
Y
+ A • B or Y + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74AC32E
CD74AC32E
55
°Cto125°C
SOIC
M
Tube
CD74AC32M
AC32M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74AC32M96
AC32M
CDIP – F
Tube
CD54AC32F3A
CD54AC32F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
X
H
X
HH
L
L
L
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
CD54AC32 ...F PACKAGE
CD74AC32 ...E OR M PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74AC32M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC32M TI-CD74AC32M Datasheet
32Kb / 5P
Quad 2-Input OR Gate
CD74AC32M TI2-CD74AC32M Datasheet
1Mb / 24P
CDx4AC32 Quadruple 2-Input Positive-or Gates
REVISED AUGUST 2024
CD74AC32M96 TI2-CD74AC32M96 Datasheet
1Mb / 24P
CDx4AC32 Quadruple 2-Input Positive-or Gates
REVISED AUGUST 2024
CD74AC32M96.A TI2-CD74AC32M96.A Datasheet
1Mb / 24P
CDx4AC32 Quadruple 2-Input Positive-or Gates
REVISED AUGUST 2024
CD74AC32M96G4.A TI2-CD74AC32M96G4.A Datasheet
1Mb / 24P
CDx4AC32 Quadruple 2-Input Positive-or Gates
REVISED AUGUST 2024
More results

Similar Description - CD74AC32M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
logo
Vishay Siliconix
TFDU4100 VISHAY-TFDU4100_05 Datasheet
307Kb / 15P
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
05-Dec-05
TFBS4711 VISHAY-TFBS4711_06 Datasheet
202Kb / 12P
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
07-Nov-06
TFBS4711 VISHAY-TFBS4711_10 Datasheet
182Kb / 12P
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.4 V to 5.5 V Operation
19-Nov-10
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Texas Instruments
CD54AC04 TI1-CD54AC04_14 Datasheet
889Kb / 14P
AC Types Feature 1.5-V to 5.5-V Operation
CD54AC08 TI1-CD54AC08 Datasheet
882Kb / 14P
AC Types Feature 1.5-V to 5.5-V Operation
logo
Vishay Siliconix
TFBS4711 VISHAY-TFBS4711_V01 Datasheet
286Kb / 13P
Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
21-Oct-2022
logo
ON Semiconductor
NCS21801 ONSEMI-NCS21801_V01 Datasheet
942Kb / 28P
Precision Operational Amplifier, 10 V, Zero-Drift, 1.6 V to 5.5 V Supply, 1.5 MHz
March, 2022 - Rev. 7
logo
Vishay Siliconix
TFBS4711 VISHAY-TFBS4711_V02 Datasheet
286Kb / 13P
Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
21-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com