Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19320CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19320CS
Description  Phase-Cut Dimmable Flyback or Buck-Boost Current Control with Active PFC for LED lighting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19320CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19320CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19320CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TS19320CS
Phase-Cut Dimmable Flyback or Buck-Boost Current Control
with Active PFC for LED lighting
The TS19320CS is a phase-cut (TRIAC) dimmable constant current control IC with active
power factor correction isolated or non-isolated AC-DC LED lighting control. The
TS19320CS is configurable as an isolated, primary-side-regulated Flyback controller or
non-isolated Buck-Boost converter. It is compatible with many types of TRIAC dimmers
including leading-edge and trailing-edge. The IC achieves a high power factor and low
total harmonic distortion (THD) and guarantees constant current accuracy to <±5%
using Boundary Conduction Mode (BCM) operation. The TS19320CS has built-in
protection circuits such as gate voltage clamping, over temperature protection by
current degeneration, VCC overvoltage protection and system output open/short
circuit protection.
Features:
• Constant current accuracy <±5%
• Flyback or Buck-Boost w/o photocoupler
• Good dimmer compatibility for 120/230VAC Lamps
• Boundary-mode PFC operation
• Built-in active power factor correction
• High voltage (500V) startup circuit
• Open-LED demagnetization (DMG) protection
• VCC over-voltage protection (OVP)
• Over-temperature protection (OTP)
• Shorted-LED Protection
• Cycle-by-cycle current limit
• Gate drive voltage clamping
ISSUE NO.2
Mar. 2016
www.taiwansemi.com
NEW PRODUCT
ANNOUNCEMENT
1. HV
8. GND
2. RT
7. OUT
3. CS
6. VCC
4. COM
5. DMG
Pin Definition:
SOP-8
Application:
• LED lighting
• Down lights, Tube lamps, PAR Lamps, Bulbs


Similar Part No. - TS19320CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
TS19310ACX6RFG TSC-TS19310ACX6RFG Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
TS19310BCX6RFG TSC-TS19310BCX6RFG Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
TS19340CS14 TSC-TS19340CS14 Datasheet
450Kb / 9P
Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
1.6MHz Boost Converter with 30V Internal FET Switch
More results

Similar Description - TS19320CS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3447 TI1-LM3447 Datasheet
554Kb / 25P
Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
TPS92561 TI-TPS92561 Datasheet
1Mb / 24P
Phase Dimmable, Single Stage Boost Controller for LED Lighting
logo
Bruckewell Technology L...
BW7385 BWTECH-BW7385 Datasheet
260Kb / 7P
Non-isolation Buck current control IC with High PFC for LED Lighting
logo
Texas Instruments
TPS92561 TI1-TPS92561 Datasheet
1Mb / 31P
Phase-Dimmable, Single-Stage Boost Controller for LED Lighting
logo
Holtek Semiconductor In...
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
logo
Taiwan Semiconductor Co...
TS19705CX6 TSC-TS19705CX6 Datasheet
244Kb / 8P
Single Stage Flyback or Buck-Boost Current Control with Active PFC for LED lighting
logo
Excelliance MOS Corp.
EM8822A EXCELLIANCE-EM8822A Datasheet
493Kb / 9P
Single stage Buck/Buck-Boost PFC Controller for LED Lighting
logo
Power Integrations, Inc...
LYT7503 POWERINT-LYT7503 Datasheet
1Mb / 12P
Phase-Cut Dimmable Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Buck Topology
July 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com