Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3126QSR Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3126QSR
Description  4-Bit Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3126QSR Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3126QSR Datasheet HTML 1Page - ON Semiconductor 74FST3126QSR Datasheet HTML 2Page - ON Semiconductor 74FST3126QSR Datasheet HTML 3Page - ON Semiconductor 74FST3126QSR Datasheet HTML 4Page - ON Semiconductor 74FST3126QSR Datasheet HTML 5Page - ON Semiconductor 74FST3126QSR Datasheet HTML 6Page - ON Semiconductor 74FST3126QSR Datasheet HTML 7Page - ON Semiconductor 74FST3126QSR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
August, 2001 – Rev. 0
1
Publication Order Number:
74FST3126/D
74FST3126
4-Bit Bus Switch
The ON Semiconductor 74FST3126 is a quad, high performance
switch. The device is CMOS TTL compatible when operating between
4 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
The device consists of four independent 1–bit switches with
separate Output/Enable (OE) pins. Port A is connected to Port B when
OE is high. If OE is low, the switch is high Z.
• R
ON
t 4 W Typical
• Less Than 0.25 ns–Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin–For–Pin Compatible With QS3126, FST3126, CBT3126
• All Popular Packages: QSOP–16, TSSOP–14, SOIC–14
OE1
OE2
GND
2B
2A
1B
1A
VCC
4B
3B
3A
OE3
4A
OE4
NC
1B
2B
2A
OE2
1A
OE1
VCC
4B
3B
3A
OE3
4A
OE4
GND
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
16
15
14
13
12
11
10
89
Figure 1. Pin Assignment for
SOIC and TSSOP
Figure 2. Pin Assignment
for QSOP
Description
PIN NAMES
OE1, OE2, OE3, OE4
1A, 2A, 3A, 4A
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
74FST3126D
SO–14
55 Units/Rail
74FST3126DR2
SO–14
74FST3126DT
TSSOP–14
2500 Units/Reel
96 Units/Rail
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
74FST3126DTR2
TSSOP–14
2500 Units/Reel
74FST3126QS
QSOP–16
98 Units/Rail
74FST3126QSR
QSOP–16
2500 Units/Reel
TSSOP–14
DT SUFFIX
CASE 948G
14
1
QSOP–16
QS SUFFIX
CASE 492
SO–14
D SUFFIX
CASE 751A
14
1
1
14
FST
3126
ALYW
FST3126
AWLYWW
14
1
MARKING
DIAGRAMS
S3126
ALYW
16
1
Pin
Bus Switch Enables
Bus A
1B, 2B, 3B, 4B
Bus B
NC
Not Connected
16
1


Similar Part No. - 74FST3126QSR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3126QSR ONSEMI-74FST3126QSR Datasheet
195Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 2
More results

Similar Description - 74FST3126QSR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
4-BIT BUS SWITCH
logo
ON Semiconductor
74FST3125 ONSEMI-74FST3125 Datasheet
99Kb / 8P
4-Bit Bus Switch
January, 2005 ??Rev. 2
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
4-Bit Bus Switch
FST3125 FAIRCHILD-FST3125_08 Datasheet
445Kb / 9P
4-Bit Bus Switch
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
4-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3125 PHILIPS-74CBTLV3125_15 Datasheet
163Kb / 17P
4-bit bus switch
Rev. 3-15 December 2011
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
4-Bit Bus Switch
June, 2013 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
4-Bit Bus Switch
July, 2013 ??Rev. P1
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
4-Bit Bus Switch
December, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com