Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7553 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC7553
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7553 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7553_14 Datasheet HTML 2Page - Texas Instruments DAC7553_14 Datasheet HTML 3Page - Texas Instruments DAC7553_14 Datasheet HTML 4Page - Texas Instruments DAC7553_14 Datasheet HTML 5Page - Texas Instruments DAC7553_14 Datasheet HTML 6Page - Texas Instruments DAC7553_14 Datasheet HTML 7Page - Texas Instruments DAC7553_14 Datasheet HTML 8Page - Texas Instruments DAC7553_14 Datasheet HTML 9Page - Texas Instruments DAC7553_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
PIN DESCRIPTION
1
2
3
4
12
11
10
9
SCLK
SYNC
IOVDD
SDO
VOUTA
VDD
GND
VOUTB
16 15 14 13
5
6
7
8
DAC7553
SLAS477 – SEPTEMBER 2005
RGT PACKAGE
(TOP VIEW)
Terminal Functions
TERMINAL
DESCRIPTION
NO.
NAME
1
VOUTA
Analog output voltage from DAC A
2
VDD
Analog voltage supply input
3
GND
Ground
4
VOUTB
Analog output voltage from DAC B
5
VFBB
DAC B amplifier sense input.
6
VREFB
Positive reference voltage input for DAC B
7
PD
Power down
8
DCEN
Daisy-chain enable
9
SDO
Serial data output
10
IOVDD
I/O voltage supply input
11
SYNC
Frame synchronization input. The falling edge of the SYNC pulse indicates the start of a serial data frame shifted out
to the DAC7553
12
SCLK
Serial clock input
13
SDIN
Serial data input
14
CLR
Asynchronous input to clear the DAC registers. When CLR is low, the DAC registers are set to 000H and the output to
midscale voltage.
15
VREFA
Positive reference voltage input for DAC A
16
VFBA
DAC A amplifier sense input.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com